Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCS002M Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BCS002M
Description  Capacitive Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BCS002M Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BCS002M Datasheet HTML 1Page - Balluff Korea Ltd. BCS002M Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Capacitive Sensors
BCS M08T4E2-PSM30G-S49G
Order Code: BCS002M
Internet
www.balluff.com
eCl@ss 9.1: 27-27-01-02
Subject to change without notice: 249466
ETIM 6.0: EC002715
BCS002M_1.12_2024-10-08
2 / 2
Mechanical data
Dimension
Ø 8 x 54 mm
Installation
non-flush
Size
M8x1
Thread (A)
M8x1
Tightening torque
6 Nm
Range/Distance
Hysteresis H max. (% of Sr)
15.0 %
Measuring range
0.1...3 mm
Rated operating distance Sn
3 mm
Repeat accuracy max. (% of Sr)
2.0 %
Temperature drift max. (% of Sr)
15 %
Remarks
The potentiometer does not have a fixed stop, but can be turned endlessly without destroying anything.
If no change in the switching signal is detected, the potentiometer should be turned forwards or backwards until a signal change occurs at the output.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with no
warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Connector Drawings
Wiring Diagrams (Schematic)
Installation remarks
1) Machine GND



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com