Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB1064 Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1064
Description  TUSB1064-Q1 USB Type-C® DP Alt Mode 10Gbps Sink-Side Linear Redriver Crosspoint Switch
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1064 Datasheet(HTML) 42 Page - Texas Instruments

Back Button TUSB1064 Datasheet HTML 38Page - Texas Instruments TUSB1064 Datasheet HTML 39Page - Texas Instruments TUSB1064 Datasheet HTML 40Page - Texas Instruments TUSB1064 Datasheet HTML 41Page - Texas Instruments TUSB1064 Datasheet HTML 42Page - Texas Instruments TUSB1064 Datasheet HTML 43Page - Texas Instruments TUSB1064 Datasheet HTML 44Page - Texas Instruments TUSB1064 Datasheet HTML 45Page - Texas Instruments TUSB1064 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 52 page
background image
9.3 DisplayPort Control/Status Registers (address = 0x11) [reset = 00000000]
Figure 9-3. DisplayPort Control/Status Registers (0x11)
7
6
5
4
3
2
1
0
DP0EQ_SEL
DP2EQ_SEL
R/W/U
R/W/U
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 9-4. DisplayPort Control/Status Registers (0x11)
Bit
Field
Type
Reset
Description
7:4
DP0EQ_SEL
R/W/U
0000
Field selects EQ level for DP lane 0. When EQ_OVERRIDE =
1’b0, this field reflects the sampled state of DPEQ[1:0] pins.
When EQ_OVERRIDE = 1’b1, software can change the EQ
setting for DP lane 0 based on value written to this field.
3:0
DP2EQ_SEL
R/W/U
0000
Field selects EQ level for DP lane 2. When EQ_OVERRIDE =
1’b0, this field reflects the sampled state of DPEQ[1:0] pins.
When EQ_OVERRIDE = 1’b1, software can change the EQ
setting for DP lane 2 based on value written to this field.
9.4 DisplayPort Control/Status Registers (address = 0x12) [reset = 00000000]
Figure 9-4. DisplayPort Control/Status Registers (0x12)
7
6
5
4
3
2
1
0
Reserved
SET_POWER_STATE
LANE_COUNT_SET
R
RU
RU
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 9-5. DisplayPort Control/Status Registers (0x12)
Bit
Field
Type
Reset
Description
7
Reserved
R
0
Reserved
6:5
SET_POWER_STATE
R/U
00
This field represents the snooped value of the AUX write
to DPCD address 0x00600. When AUX_SNOOP_DISABLE =
1’b0, the TUSB1064-Q1 enables or disables the DP lanes
based on the snooped value. When AUX_SNOOP_DISABLE =
1’b1, then DP lane enable/disable are determined by state of
DPx_DISABLE registers, where x = 0, 1, 2, or 3. This field is
reset to 2’b00 by hardware when CTLSEL1 changes from a 1’b1
to a 1’b0.
4:0
LANE_COUNT_SET
R/U
00000
This field represents the snooped value of AUX write to DPCD
address 0x00101 register. When AUX_SNOOP_DISABLE =
1’b0, the TUSB1064-Q1 enables DP lanes specified by the
snoop value. Unused DP lanes are disabled to save power.
When AUX_SNOOP_DISABLE = 1’b1, then DP lanes enable/
disable are determined by DPx_DISABLE registers, where x
= 0, 1, 2, or 3. This field is reset to 0x0 by hardware when
CTLSEL1 changes from a 1’b1 to a 1’b0.
TUSB1064-Q1
SLLSFP0 – SEPTEMBER 2024
www.ti.com
42
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TUSB1064-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com