Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C68014A Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C68014A
Description  EZ-USB FX2LP??USB Microcontroller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C68014A Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C68014A Datasheet HTML 5Page - Cypress Semiconductor CY7C68014A Datasheet HTML 6Page - Cypress Semiconductor CY7C68014A Datasheet HTML 7Page - Cypress Semiconductor CY7C68014A Datasheet HTML 8Page - Cypress Semiconductor CY7C68014A Datasheet HTML 9Page - Cypress Semiconductor CY7C68014A Datasheet HTML 10Page - Cypress Semiconductor CY7C68014A Datasheet HTML 11Page - Cypress Semiconductor CY7C68014A Datasheet HTML 12Page - Cypress Semiconductor CY7C68014A Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
CY7C68013A/CY7C68014A
CY7C68015A/CY7C68016A
Document #: 38-08032 Rev. *K
Page 9 of 60
3.11
Register Addresses
3.12
Endpoint RAM
3.12.1
Size
• 3× 64 bytes
(Endpoints 0 and 1)
• 8 × 512 bytes (Endpoints 2, 4, 6, 8)
3.12.2
Organization
• EP0
• Bidirectional endpoint zero, 64-byte buffer
• EP1IN, EP1OUT
• 64-byte buffers, bulk or interrupt
• EP2,4,6,8
• Eight 512-byte buffers, bulk, interrupt, or isochronous. EP4
and EP8 can be double buffered, while EP2 and 6 can be
either double, triple, or quad buffered. For high-speed end-
point configuration options, see Figure 3-5.
3.12.3
Set-up Data Buffer
A separate 8-byte buffer at 0xE6B8-0xE6BF holds the Set-up
data from a CONTROL transfer.
3.12.4
Endpoint Configurations (High-speed Mode)
Endpoints 0 and 1 are the same for every configuration.
Endpoint 0 is the only CONTROL endpoint, and endpoint 1 can
be either BULK or INTERRUPT. The endpoint buffers can be
configured in any 1 of the 12 configurations shown in the
vertical columns. When operating in full-speed BULK mode
only the first 64 bytes of each buffer are used. For example in
high-speed, the max packet size is 512 bytes but in full-speed
it is 64 bytes. Even though a buffer is configured to be a 512
byte buffer, in full-speed only the first 64 bytes are used. The
unused endpoint buffer space is not available for other opera-
tions. An example endpoint configuration would be:
FFFF
E800
E7BF
E740
E73F
E700
E6FF
E500
E4FF
E480
E47F
E400
E200
E1FF
E000
E3FF
EFFF
2 KBytes RESERVED
64 Bytes EP0 IN/OUT
64 Bytes RESERVED
8051 Addressable Registers
Reserved (128)
128 bytes GPIF Waveforms
512 bytes
8051 xdata RAM
F000
(512)
Reserved (512)
E780
64 Bytes EP1OUT
E77F
64 Bytes EP1IN
E7FF
E7C0
4 KBytes EP2-EP8
buffers
(8 x 512)
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com