Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74ACT283E Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD74ACT283E
Description  4-Bit Binary Fill Adder With Fast Carry
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74ACT283E Datasheet(HTML) 1 Page - Texas Instruments

  CD74ACT283E Datasheet HTML 1Page - Texas Instruments CD74ACT283E Datasheet HTML 2Page - Texas Instruments CD74ACT283E Datasheet HTML 3Page - Texas Instruments CD74ACT283E Datasheet HTML 4Page - Texas Instruments CD74ACT283E Datasheet HTML 5Page - Texas Instruments CD74ACT283E Datasheet HTML 6Page - Texas Instruments CD74ACT283E Datasheet HTML 7Page - Texas Instruments CD74ACT283E Datasheet HTML 8Page - Texas Instruments CD74ACT283E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS251D
Features
• Buffered Inputs
• Exceeds 2kV ESD Protection MIL-STD-883, Method
3015
• SCR-Latchup-Resistant CMOS Process and Circuit
Design
• Speed of Bipolar FAST™/AS/S with Significantly
Reduced Power Consumption
• Balanced Propagation Delays
• AC Types Feature 1.5V to 5.5V Operation and
Balanced Noise Immunity at 30% of the Supply
•
±24mA Output Drive Current
- Fanout to 15 FAST™ ICs
- Drives 50
Ω Transmission Lines
Description
The ’AC283 and ’ACT283 4-bit binary adders with fast carry
that utilize Advanced CMOS Logic technology. These
devices add two 4-bit binary numbers and generate a carry-
out bit if the sum exceeds 15.
Because of the symmetry of the add function, this device
can be used with either all active-HIGH operands (positive
logic) or with all active-LOW operands (negative logic).
When using positive logic, the carry-in input must be tied
LOW if there is no carry-in.
Pinout
CD54AC283, CD54ACT283
(CERDIP)
CD74AC283, CD74ACT283
(PDIP, SOIC)
TOP VIEW
Functional Diagram
Ordering Information
PART
NUMBER
TEMP.
RANGE (oC)
PACKAGE
CD54AC283F3A
-55 to 125
16 Ld CERDIP
CD74AC283E
0 to 70oC, -40 to 85,
-55 to 125
16 Ld PDIP
CD74AC283M
0 to 70oC, -40 to 85,
-55 to 125
16 Ld SOIC
CD54ACT283F3A
-55 to 125
16 Ld CERDIP
CD74ACT283E
0 to 70oC, -40 to 85,
-55 to 125
16 Ld PDIP
CD74ACT283M
0 to 70oC, -40 to 85,
-55 to 125
16 Ld SOIC
NOTES:
1. When ordering, use the entire part number. Add the suffix 96 to
obtain the variant in the tape and reel.
2. Wafer and die for this part number is available which meets all
electrical specifications. Please contact your local TI sales office or
customer service for ordering information.
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
S1
B1
A1
S0
A0
B0
GND
CIN
VCC
A2
S2
A3
B3
S3
COUT
B2
5
6
3
2
15
11
12
14
4
9
S2
S1
A0
B0
A1
B1
B2
A3
B3
A2
7
CIN
GND = 8
VCC = 16
10
13
1
S0
S3
COUT
August 1998 - Revised May 2000
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
FAST™ is a Trademark of Fairchild Semiconductor.
Copyright
© 2000, Texas Instruments Incorporated
CD54/74AC283,
CD54/74ACT283
4-Bit Binary Fill Adder With Fast Carry


Similar Part No. - CD74ACT283E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74ACT283E TI-CD74ACT283E Datasheet
254Kb / 10P
4-Bit Binary Fill Adder With Fast Carry
CD74ACT283E TI2-CD74ACT283E Datasheet
653Kb / 13P
CDx4AC283, CDx4ACT283 4-Bit Binary Fill Adder with Fast Carry
REVISED JANUARY 2025
CD74ACT283E.A TI2-CD74ACT283E.A Datasheet
653Kb / 13P
CDx4AC283, CDx4ACT283 4-Bit Binary Fill Adder with Fast Carry
REVISED JANUARY 2025
CD74ACT283EE4 TI-CD74ACT283EE4 Datasheet
254Kb / 10P
4-Bit Binary Fill Adder With Fast Carry
CD74ACT283EE4 TI2-CD74ACT283EE4 Datasheet
653Kb / 13P
CDx4AC283, CDx4ACT283 4-Bit Binary Fill Adder with Fast Carry
REVISED JANUARY 2025
More results

Similar Description - CD74ACT283E

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F283DM NSC-54F283DM Datasheet
184Kb / 10P
4-Bit Binary Full Adder with Fast Carry
logo
Fairchild Semiconductor
DM74LS283 FAIRCHILD-DM74LS283 Datasheet
63Kb / 6P
4-Bit Binary Adder with Fast Carry
DM74LS83A FAIRCHILD-DM74LS83A Datasheet
51Kb / 5P
4-Bit Binary Adder with Fast Carry
DM74S283 FAIRCHILD-DM74S283 Datasheet
53Kb / 5P
4-Bit Binary Adder with Fast Carry
logo
Hitachi Semiconductor
HD74AC283 HITACHI-HD74AC283 Datasheet
63Kb / 12P
4-bit Binary Full Adder with Fast Carry
logo
NXP Semiconductors
74HC283N PHILIPS-74HC283N Datasheet
111Kb / 20P
4-bit binary full adder with fast carry
Rev. 03-11 November 2004
logo
National Semiconductor ...
MM54HC283 NSC-MM54HC283 Datasheet
127Kb / 6P
4-Bit Binary Adder with Fast Carry
logo
Texas Instruments
CD74AC283 TI-CD74AC283 Datasheet
254Kb / 10P
4-Bit Binary Fill Adder With Fast Carry
logo
Fairchild Semiconductor
74F283 FAIRCHILD-74F283_04 Datasheet
74Kb / 6P
4-Bit Binary Full Adder with Fast Carry
logo
Renesas Technology Corp
HD74HC83 RENESAS-HD74HC83 Datasheet
102Kb / 7P
4-bit Binary Full Adder (with Fast Carry)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com