Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74ACT283M Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CD74ACT283M
Description  4-Bit Binary Fill Adder With Fast Carry
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74ACT283M Datasheet(HTML) 4 Page - Texas Instruments

  CD74ACT283M Datasheet HTML 1Page - Texas Instruments CD74ACT283M Datasheet HTML 2Page - Texas Instruments CD74ACT283M Datasheet HTML 3Page - Texas Instruments CD74ACT283M Datasheet HTML 4Page - Texas Instruments CD74ACT283M Datasheet HTML 5Page - Texas Instruments CD74ACT283M Datasheet HTML 6Page - Texas Instruments CD74ACT283M Datasheet HTML 7Page - Texas Instruments CD74ACT283M Datasheet HTML 8Page - Texas Instruments CD74ACT283M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Switching Specifications Input tr, tf = 3ns, CL = 50pF (Worst Case)
PARAMETER
SYMBOL
VCC (V)
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
AC TYPES
Propagation Delay,
An or Bn to COUT
CIN to Sn
CIN to COUT
tPLH, tPHL
1.5
-
-
199
-
-
219
ns
3.3
(Note 9)
6.3
-
22.4
6.2
-
24.6
ns
5
(Note 10)
4.5
-
16
4.4
-
17.6
ns
Propagation Delay,
An or Bn to Sn
tPLH, tPHL
1.5
-
-
207
-
-
228
ns
3.3
6.6
-
23.2
6.4
-
25.5
ns
5
4.7
-
16.5
4.6
-
18.2
ns
Input Capacitance
CI
-
-
-10-
-10
pF
Power Dissipation Capacitance
CPD
(Note 11)
-
-
120
-
-
120
-
pF
ACT TYPES
Propagation Delay,
An or Bn to COUT
CIN to Sn
CIN to COUT
tPLH, tPHL
5
(Note 10)
4.5
-
16
2.7
-
17.6
ns
Propagation Delay,
An or Bn to Sn
tPLH, tPHL
5
4.7
-
16.5
3.3
-
18.2
ns
Input Capacitance
CI
-
-
-10-
-10
pF
Power Dissipation Capacitance
CPD
(Note 11)
-
-
120
-
-
120
-
pF
NOTES:
8. Limits tested 100%.
9. 3.3V Min is at 3.6V, Max is at 3V.
10. 5V Min is at 5.5V, Max is at 4.5V.
11. CPD is used to determine the dynamic power consumption per function.
AC: PD = VCC
2 f
i (CPD + CL)
ACT: PD = VCC
2 f
i (CPD + CL) + VCC ∆ICC where fi = input frequency, CL = output load capacitance, VCC = supply voltage.
FIGURE 1. PROPAGATION DELAY TIMES
INPUT
tr ≤ 3ns
tf ≤ 3ns
INPUT LEVEL
90%
10%
GND
VS
VS
tPLH
tPHL
INVERTING
OUTPUT
DUT
OUTPUT
RL (NOTE)
OUTPUT
LOAD
500
CL
50pF
NOTE: For AC Series Only: When VCC = 1.5V, RL = 1kΩ.
FIGURE 2. PROPAGATION DELAY TIMES
AC
ACT
Input Level
VCC
3V
Input Switching Voltage, VS
0.5 VCC
1.5V
Output Switching Voltage, VS
0.5 VCC
0.5 VCC
CD54/74AC283, CD54/74ACT283



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com