Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5571 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS5571
Description  짹2.5 V / 5 V, 100 kSps, 16-bit, High-throughput ?誇 ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5571 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS5571 Datasheet HTML 10Page - Cirrus Logic CS5571 Datasheet HTML 11Page - Cirrus Logic CS5571 Datasheet HTML 12Page - Cirrus Logic CS5571 Datasheet HTML 13Page - Cirrus Logic CS5571 Datasheet HTML 14Page - Cirrus Logic CS5571 Datasheet HTML 15Page - Cirrus Logic CS5571 Datasheet HTML 16Page - Cirrus Logic CS5571 Datasheet HTML 17Page - Cirrus Logic CS5571 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
CS5571
14
DS768A5
6/25/07
14:12
cycles. The RDY signal falls upon completion of reset and calibration sequence. If CAL remains low when
RST transitions from low to high, no calibration will be performed. Calibrations can be initiated any time
the converter is idle by taking the CAL input high. RDY will fall at the end of the calibration cycle. The CAL
pin should be returned low when not being used.
A calibration cycle calibrates the offset and full-scale points of the converter transfer function. When the
offset portion of the calibration is performed, the AIN and ACOM pins are disconnected from the input and
shorted internally. The offset of the converter is then measured and a correction factor is stored in a reg-
ister. Then the voltage reference is internally connected to act as the input signal to the converter and a
gain calibration is performed. The gain correction results are also placed in a register. The contents of the
offset and gain registers are used to map the conversion data prior to its output from the converter.
3.2 Performing Conversions
The CS5571 converts at 100 kSps when synchronously operated (CONV = VLR) from a 16.0 MHz master
clock. Conversion is initiated by taking CONV low. A conversion lasts 160 master clock cycles, but if
CONV is asynchronous to MCLK there may be an uncertainty of 0-4 MCLK cycles after CONV falls to
when a conversion actually begins. This may extend the throughput to 164 MCLKs per conversion.
When the conversion is completed, the output word is placed into the serial port and RDY goes low. To
convert continuously, CONV should be held low. In continuous conversion mode with CONV held low, a
conversion is performed in 160 MCLK cycles. Alternately RDY can be tied to CONV and a conversion will
occur every 162 MCLK cycles.
To perform only one conversion, CONV should return high at least 20 master clock cycles before RDY
falls.
Once a conversion is completed and RDY falls, RDY will return high when all the bits of the data word are
emptied from the serial port or if the conversion data is not read and CS is held low, RDY will go high two
MCLK cycles before the end of conversion. RDY will fall at the end of the next conversion when new data
is put into the port register.
See Serial Port on page 23 for information about reading conversion data.
Conversion performance can be affected by several factors. These include the choice of clock source for
the chip, the timing of CONV, the setting of the DITHER function, and the choice of the serial port mode.
The converter can be operated from an internal oscillator. This clock source has greater jitter than an
external crystal-based clock.
Jitter may not be an issue when measuring DC signals, or very-low-fre-
quency AC signals, but can become an issue for higher frequency AC signals. For maximum performance
when digitizing AC signals, a low-jitter MCLK should be used.
To achieve the highest resolution when measuring a DC signal with a single conversion the DITHER func-
tion should be off. If averaging is to be performed with multiple conversions of a DC signal, DITHER
should be on. To maximize performance, the CONV pin should be held low in the continuous conversion
state to perform multiple conversions, or CONV should occur synchronous to MCLK, falling when MCLK
falls.
When performing conversions on an AC signal, CONV should be held low in the continuous conversion
state to perform multiple conversions, or CONV should occur synchronous to MCLK, falling when MCLK
falls.
If the converter is operated at maximum throughput, the SSC serial port mode is less likely to cause in-
terference to measurements as the SCLK output is synchronized to the MCLK. Alternately, any interfer-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com