Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM7340-PI Datasheet(PDF) 35 Page - PMC-Sierra, Inc

Part # PM7340-PI
Description  S/UNI INVERSE MULTIPLEXING FOR ATM, 8 LINKS
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7340-PI Datasheet(HTML) 35 Page - PMC-Sierra, Inc

Back Button PM7340-PI Datasheet HTML 31Page - PMC-Sierra, Inc PM7340-PI Datasheet HTML 32Page - PMC-Sierra, Inc PM7340-PI Datasheet HTML 33Page - PMC-Sierra, Inc PM7340-PI Datasheet HTML 34Page - PMC-Sierra, Inc PM7340-PI Datasheet HTML 35Page - PMC-Sierra, Inc PM7340-PI Datasheet HTML 36Page - PMC-Sierra, Inc PM7340-PI Datasheet HTML 37Page - PMC-Sierra, Inc PM7340-PI Datasheet HTML 38Page - PMC-Sierra, Inc PM7340-PI Datasheet HTML 39Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 334 page
background image
PRELIMINARY
INVERSE MULTIPLEXING OVER ATM
PM7340 S/UNI-IMA-8
DATA SHEET
PMC-2001723
ISSUE 3
INVERSE MULTIPLEXING OVER ATM
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
18
Pin Name
Type
Pin
No.
Function
RDAT[15]
RDAT[14]
RDAT[13]
RDAT[12]
RDAT[11]
RDAT[10]
RDAT[9]
RDAT[8]
RDAT[7]
RDAT[6]
RDAT[5]
RDAT[4]
RDAT[3]
RDAT[2]
RDAT[1]
RDAT[0]
Output
U22
T22
U19
R20
R22
T19
R19
P20
P21
P22
P19
N20
N21
N22
N19
M20
The Receive Cell Data (RDAT[15:0]) signals carry
the ATM cell words that have been read from the
S/UNI-IMA-8 internal cell buffers. When this
interface is operating in 8-bit mode, the data is
carried on RDAT[7:0].
The RDAT[15:0] output bus is updated on the rising
edge of RCLK.
RPRTY
Output
M22
The Receive Parity (RPRTY) signal provides the
parity (programmable for odd or even parity) of the
RDAT[15:0] bus. When the interface is operating in
8-bit mode, the parity is calculated over RDAT[7:0]
The RPRTY output is updated on the rising edge of
RCLK.
9.1 Receive Slave ATM Interface (UTOPIA L2 mode) (26 Signals)
Pin Name
Type
Pin
No.
Function
RCLK
Input
T21
The Receive Clock (RCLK) signal is used to
transfer data blocks from the S/UNI-IMA-8 across
the receive UTOPIA L2 interface.
The RCA, RSOC, RDAT[15:0], and RPRTY outputs
are updated on the rising edge of RCLK. The RENB
and RADR[4:0] inputs are sampled on the rising
edge of RCLK.
The RCLK input must cycle at a 52 MHz or lower
instantaneous rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com