Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA5744MP Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LA5744MP
Description  Monolithic Linear IC Separately-Excited Step-Down Switching Regulator (Variable Type)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA5744MP Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LA5744MP Datasheet HTML 1Page - Sanyo Semicon Device LA5744MP Datasheet HTML 2Page - Sanyo Semicon Device LA5744MP Datasheet HTML 3Page - Sanyo Semicon Device LA5744MP Datasheet HTML 4Page - Sanyo Semicon Device LA5744MP Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
31407 MS PC / 11707 MS PC 20060929-S00007 No.A0587-1/5
LA5744MP
Overview
The LA5744MP is a separately-excited step-down switching regulator (variable type).
Functions
• High efficiency.
• Time-base generator (300kHz) incorporated.
• Current limiter incorporated.
• Thermal shutdown circuit incorporated.
• Soft start circuit incorporated.
Specifications
Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Input voltage
VIN
30
V
Maximum output current
IO max
3A
SW pin application reverse voltage
VSW
-1
V
Allowable power dissipation
Pd max
Mounted on a circuit board.*
3.9
W
Operating temperature
Topr
-30 to +125
°C
Storage temperature
Tstg
-40 to +150
°C
* Specified circuit board : 76.1
×114.3×1.6mm3 : Copper foil ratio 60% FR4
Recommended Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Input voltage range
VIN
4.5 to 28
V
Monolithic Linear IC
Separately-Excited Step-Down
Switching Regulator
(Variable Type)
Ordering number : ENA0587A


Similar Part No. - LA5744MP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LA5744MP ONSEMI-LA5744MP Datasheet
72Kb / 5P
Separately-Excited Step-Down Switching Regulator
August, 2013
More results

Similar Description - LA5744MP

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA5724M SANYO-LA5724M Datasheet
72Kb / 5P
Monolithic Linear IC Separately-Excited Step-Down Switching Regulator (Variable Type)
LA5735M SANYO-LA5735M Datasheet
81Kb / 7P
Monolithic Linear IC Separately-Excited Step-Down Switching Regulator (Variable Type)
LA5744 SANYO-LA5744 Datasheet
76Kb / 5P
Monolithic Linear IC Separately-Excited Step-Down Switching Regulator (Variable Type)
LA5744TP SANYO-LA5744TP Datasheet
74Kb / 5P
Monolithic Linear IC Separately-Excited Step-Down Switching Regulator (Variable Type)
LA5774 SANYO-LA5774 Datasheet
69Kb / 5P
Monolithic Linear IC Separately-excited Step-down Switching Regulator (Variable Type)
LA5774MP SANYO-LA5774MP Datasheet
176Kb / 5P
Monolithic Linear IC Separately-excited Step-down Switching Regulator (Variable Type)
LA5779MP SANYO-LA5779MP Datasheet
222Kb / 4P
Monolithic Linear IC Separately-excited Step-down Switching Regulator (Variable Type)
LA5754MP SANYO-LA5754MP Datasheet
66Kb / 5P
Monolithic Linear IC Separately-excited Step-down Switching Regulator (Variable Type)
LA5759 SANYO-LA5759 Datasheet
132Kb / 4P
Monolithic Linear IC Separately-excited Step-down Switching Regulator (Variable Type)
LA5735MC SANYO-LA5735MC Datasheet
110Kb / 6P
Monolithic Linear IC Separately-Excited Step-Down Switching Regulator(Variable Type)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com