Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY62136FV30LL Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY62136FV30LL
Description  2-Mbit (128K x 16) Static RAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62136FV30LL Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY62136FV30LL Datasheet HTML 3Page - Cypress Semiconductor CY62136FV30LL Datasheet HTML 4Page - Cypress Semiconductor CY62136FV30LL Datasheet HTML 5Page - Cypress Semiconductor CY62136FV30LL Datasheet HTML 6Page - Cypress Semiconductor CY62136FV30LL Datasheet HTML 7Page - Cypress Semiconductor CY62136FV30LL Datasheet HTML 8Page - Cypress Semiconductor CY62136FV30LL Datasheet HTML 9Page - Cypress Semiconductor CY62136FV30LL Datasheet HTML 10Page - Cypress Semiconductor CY62136FV30LL Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
CY62136FV30 MoBL®
Document Number: 001-08402 Rev. *D
Page 7 of 12
Figure 7. Write Cycle No 1: WE Controlled [15, 19, 20]
Figure 8. Write Cycle 2: CE Controlled [15, 19, 20]
Switching Waveforms (continued)
tHD
tSD
tPWE
tSA
tHA
tAW
tWC
tHZOE
DATAIN
NOTE 21
tBW
tSCE
DATA IO
ADDRESS
CE
WE
OE
BHE/BLE
tHD
tSD
tPWE
tHA
tAW
tSCE
tWC
tHZOE
DATAIN
tBW
tSA
CE
ADDRESS
WE
DATA IO
OE
BHE/BLE
NOTE 21
Notes
19. Data IO is high impedance if OE = VIH.
20. If CE goes HIGH simultaneously with WE = VIH, the output remains in a high impedance state.
21. During this period, the IOs are in output state. Do not apply input signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com