Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPR2-T218 Datasheet(PDF) 2 Page - Willow Technologies Ltd

Part # FPR2-T218
Description  High Stability Extremly Low-Ohm
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

FPR2-T218 Datasheet(HTML) 2 Page - Willow Technologies Ltd

  FPR2-T218 Datasheet HTML 1Page - Willow Technologies Ltd FPR2-T218 Datasheet HTML 2Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
measuring point
measuring point
0
20
40
60
80
100
120
25
50
85
100
115
130
Tem perature of the backplate (°C)
0,5%
0,1%
0,2%
%
0
50
100
150
200
250
Resistance Value (mOhm)
-7000
-6000
-5000
-4000
-3000
-2000
-1000
0
1000
2000
Tem perature (°C)
-40
-20
0
20
40
60
80
100
120
140
- 15 ppm/K
+ 15 ppm/K
Nom inal dR/R
Limit 2 (3
σ)
Limit 1 (3
σ)
FPR 2-T218
TEMPERATURE COEFFICIENT
DERATING CURVE
DIMENSIONS
lead A
lead B
Standardlead for T-218 : Lead B
Dimensions in mm
HOW TO ORDER
FPR 2-T218 10R B 0.25%
FPR 2-T218 10R0 B 1.0%
FPR 2-T218 R068 B 0.5%
FPR 2-T218 R068 A 0.5%
Willow Technologies Ltd. Shawlands Court, Newchapel Road, Lingfield, Surrey, RH7 6BL, UK
Tel. + 44 (0) 1342 835234, Fax. + 44 (0) 1342 834306, e-mail sales@willow.co.uk web www.willow.co.uk



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com