Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SWB-08090-EB Datasheet(PDF) 1 Page - Eravant

Part # SWB-08090-EB
Description  WR-08 E-Plane Waveguide Bend, 90°
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant

SWB-08090-EB Datasheet(HTML) 1 Page - Eravant

  SWB-08090-EB Datasheet HTML 1Page - Eravant SWB-08090-EB Datasheet HTML 2Page - Eravant  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SWB-08090-EB
www.eravant.com | 424-757-0168 | support@eravant.com
Copyright © 2023 by Eravant
1/2
Final Rev 1.1
WR-08 E-Plane Waveguide Bend, 90°
SWB-08090-EB is a 90 degree, WR-08 E-plane waveguide bend with
UG-387/U-M anti-cocking flanges.
The bend radius is 0.75”. The
waveguide bend is manufactured through a precision machining process
to ensure high quality and ruggedness. The waveguide is offered to
cover the frequency range of 90 to 140 GHz.
Mechanical Specifications:
Item
Specification
Waveguide Size
WR-08 Waveguide with UG-387/U-M Anti-Cocking
Flange
Bend Plane
E-Plane
Bend Angle
90 Degrees
Bend Radius
0.75
Flange Material
Brass
Waveguide Material
Copper
Finish
Gold Plated
Weight
0.6 Oz
Outline
WB-EF-A
ECCN
EAR99
FEATURES
Frequency Coverage: 90 to 140
GHz
Rugged Waveguide
Configuration
• Low Insertion Loss
APPLICATIONS
Test Instrumentation
• Sub-assemblies
• Lab Use
SUPPLEMENTAL DETAILS


Similar Part No. - SWB-08090-EB

ManufacturerPart #DatasheetDescription
logo
Eravant
SWB-08090-HB ERAVANT-SWB-08090-HB Datasheet
246Kb / 2P
WR-08 H-Plane Waveguide Bend, 90
Rev 1.1
SWB-08090-TB ERAVANT-SWB-08090-TB Datasheet
236Kb / 2P
WR-08 Waveguide Twist, 90°
Rev 1.2
More results

Similar Description - SWB-08090-EB

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W12B002 PASTERNACK-PE-W12B002 Datasheet
343Kb / 2P
WR-12 Instrumentation Grade Waveguide H-Bend with
PE-W51B002 PASTERNACK-PE-W51B002 Datasheet
403Kb / 4P
WR-51 Instrumentation Grade Waveguide H-Bend with
PE-W137B001 PASTERNACK-PE-W137B001 Datasheet
329Kb / 2P
WR-137 Waveguide E-Bend with UG-344-U Flange
PE-W90B001 PASTERNACK-PE-W90B001 Datasheet
321Kb / 2P
WR-90 Waveguide E-Bend with UG-39-U Flange Operating from 8.2 GHz to 12.4 GHz
PE-W90B003 PASTERNACK-PE-W90B003 Datasheet
367Kb / 2P
WR-90 Waveguide E-Bend with CPR-90G Flange Operating from 8.2 GHz to 12.4 GHz
PEWGK1006 PASTERNACK-PEWGK1006 Datasheet
443Kb / 3P
WR-90 Waveguide Gasket kit
PEWGK1007 PASTERNACK-PEWGK1007 Datasheet
442Kb / 3P
WR-90 Waveguide Gasket kit
PE-W90TF005-36 PASTERNACK-PE-W90TF005-36_V01 Datasheet
396Kb / 4P
WR-90 Twistable Flexible Waveguide
PE-W90TF006-12 PASTERNACK-PE-W90TF006-12_V01 Datasheet
425Kb / 4P
WR-90 Twistable Flexible Waveguide
PE-W90TF006-24 PASTERNACK-PE-W90TF006-24_V01 Datasheet
424Kb / 4P
WR-90 Twistable Flexible Waveguide
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com