Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OVTL09LG3G Datasheet(PDF) 8 Page - OPTEK Technologies

Part # OVTL09LG3G
Description  10-Watt Lednium SMD (120째 Viewing Angle)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVTL09LG3G Datasheet(HTML) 8 Page - OPTEK Technologies

Back Button OVTL09LG3G Datasheet HTML 3Page - OPTEK Technologies OVTL09LG3G Datasheet HTML 4Page - OPTEK Technologies OVTL09LG3G Datasheet HTML 5Page - OPTEK Technologies OVTL09LG3G Datasheet HTML 6Page - OPTEK Technologies OVTL09LG3G Datasheet HTML 7Page - OPTEK Technologies OVTL09LG3G Datasheet HTML 8Page - OPTEK Technologies OVTL09LG3G Datasheet HTML 9Page - OPTEK Technologies OVTL09LG3G Datasheet HTML 10Page - OPTEK Technologies OVTL09LG3G Datasheet HTML 11Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Issue B 0507
Page 8 of 11
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
10-Watt Lednium SMD
OVTL09LG3x Series
Thermal Resistance
Optek Lednium Series 1-watt Cup – Measured value 2
oC/w
(OVTL01LGAxx)
Optek Lednium Series 10-watt Matrix – Measured value 2.5
oC/w
(OVTL09LG3xx)
Theory
In line with industry practice, the thermal resistance (Rth) of our LED packages is stated as Rθ j-b, thermal
resistance from the junction region ( j ) of the die, to the board (b) - PCB or other mounting surface. What this
means in a practical sense, is that when operating at rated input (1watt approx.) the junction of a die in a cup prod-
uct will attain a temperature that is 2
oC higher than a reference point on the mounting surface beneath it. In the
case of a 10-watt Matrix product, the maximum temperature difference between any junction and the reference
point is 25
oC (2.5oC/w x 10w). The thermal path thus quantified is a composite of a number of thermally resistive
elements in a series and or parallel configuration, but lumped together into a single parameter for convenience.
For an end user of LED products then, this constant allows the junction temperature to be determined by a
simple measurement of the temperature of the mounting surface. Optek recommends that the design value of sus-
tained die junction temperature be limited to 80
oC. In an ambient temperature of 25oC, the board temperature of a
10-watt device must be constrained below 55
oC to comply with this recommendation, and for a 1-watt cup the board
can theoretically operate at up to 78
oC.
From the diagram above it can be seen that the heat generated in the junction region follows a somewhat
serial conductive path through the package to the major radiating surface – which in this example is a single sided
PCB. Some additional radiation may occur directly from the upper surface of the package (not shown). This would
be conducted upward from the die surface through the transparent encapsulating material to the package surface
and be radiated from there. To all practical purposes this is a very minor effect. The polymer encapsulants in normal
use are poor conductors of heat.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com