Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OVSTRGBBCR8 Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OVSTRGBBCR8
Description  Full Color PLCC6 LED
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVSTRGBBCR8 Datasheet(HTML) 2 Page - OPTEK Technologies

  OVSTRGBBCR8 Datasheet HTML 1Page - OPTEK Technologies OVSTRGBBCR8 Datasheet HTML 2Page - OPTEK Technologies OVSTRGBBCR8 Datasheet HTML 3Page - OPTEK Technologies OVSTRGBBCR8 Datasheet HTML 4Page - OPTEK Technologies OVSTRGBBCR8 Datasheet HTML 5Page - OPTEK Technologies OVSTRGBBCR8 Datasheet HTML 6Page - OPTEK Technologies OVSTRGBBCR8 Datasheet HTML 7Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A
10/05
Page 2 of 7
Full Color PLCC6 LED
OVSTRGBBCR8
Electrical Characteristics
TA = 25o C unless otherwise noted
SYMBOL
PARAMETER
VALUES
UNIT
CONDITIONS
R
G
B
IV
Luminous Intensity
Min
710
710
180
mcd
IF = 50 mA
Avg
1000
900
280
VF
Forward Voltage
Avg
2.5
4.5
4.5
V
IF = 50 mA
Max
3.2
5.1
5.1
IR
Reverse Current (max)
10
10
10
µA
VR = 5 V
D
Dominant Wavelength
624
525
470
nm
IF = 50 mA
P
Wavelength at Peak Emission
620
521
468
nm
IF = 50 mA
2 ½
50% Power Angle
120
120
120
deg
IF = 50 mA
Spectrum Radiation Bandwidth
24
38
28
nm
IF = 50 mA
Absolute Maximum Ratings
TA = 25o C unless otherwise noted
Notes:
1. Single color light
2. Rth test condition: Mounted on PC Board FR 4 (pad size
2)
PARAMETER
RATING
UNIT
R
G
B
Storage Temperature
-40 ~ +100
°C
Operating Temperature
-40 ~ +100
°C
Reverse Voltage
V
Continuous Forward Current1
80
80
80
mA
Peak Forward Current (10% Duty Cycle, PW ”  sec)
200
100
100
mA
Power Dissipation
260
410
410
mW
Junction Temperature
110
110
110
°C
Junction/ambient (1 chip on2)
250
210
210
°C/W
Junction/ambient (3 chips on2)
500
300
300
°C/W
Junction/solder point (1 chip on)
150
130
130
°C/W
Junction/solder point (3 chips on)
150
160
160
°C/W
5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com