Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRV240FS Datasheet(PDF) 1 Page - Fluke Corporation

Part # PRV240FS
Description  Fluke PRV240FS Proving Unit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLUKE [Fluke Corporation]
Direct Link  https://www.fluke.com/en-us
Logo FLUKE - Fluke Corporation

PRV240FS Datasheet(HTML) 1 Page - Fluke Corporation

  PRV240FS Datasheet HTML 1Page - Fluke Corporation PRV240FS Datasheet HTML 2Page - Fluke Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Unique, compact, convenient
The Fluke PRV240FS Proving Unit is a portable, pocket-sized,
battery-powered voltage source. It is specifically built to prove the
functionality of the FieldSense measurement on the T6 electrical
testers. It also provides ac and dc voltages for other HiZ instru-
ments in your tool box.
Designed for safety and compliance
The Fluke PRV240FS provides a safe method to verify that your T6
electrical tester is operating properly before you conduct any live
tests. The concept of “Test Before Touch” (TBT) involves testing
your T6 against a known live source before and after the actual
measurement. This sequence verifies that your test tool is operating
properly during the actual measurement.
Verify your test tool without unnecessary exposure to shock and
arc flash. Using the PRV240FS reduces the need for personal
protective equipment (PPE) when a known voltage source is not
available for verification of your tester or multimeter before test
before TBT are performed. PPE is still needed for absence of voltage
testing when appropriate.
Key benefits
•
Using the PRV240FS reduces the risk of shock and arc flash by
validating the functionality of test tools without placing yourself
in a potentially hazardous electrical environment.
•
Can prove functionality of the FieldSense measurement on the T6
electrical testers
•
Sources both ac and dc steady-state voltage—supplies 240 V dc/ac.
•
A single switch and a set of LEDs indicate functionality of both
the FieldSense “no-test-lead” voltage measurement capability,
plus standard ac and dc measurements with test leads. This unit
is a simple-to-use solution for complying with TBT verification of
your test tools.
•
Compatible with high impedance multimeters or clamp meters.
•
Voltage is sourced through a central hub designed to test the T6
FieldSense open fork, as well as through recessed contacts that
are activated when test probes are inserted to avoid accidental
contact
•
Includes TPAK magnetic hanging strap
•
Long battery life—2000 tests per set of four AA batteries
(10 second test average)
Fluke PRV240FS Proving Unit
For use with T6 Electrical Testers,
DMMS and current clamps
REDUCES RISK
Reduces the risk of shock and arc
flash risk hazard
BATTERY LIFE
2000 tests per set of four AA
batteries
SIMPLE TO USE
Single switch selects mode, LEDs
indicate functionality
SAFETY RATING
IEC61010-1, IEC61010-2-030
WARRANTY
One-year
TECHNICAL DATA


Similar Part No. - PRV240FS

ManufacturerPart #DatasheetDescription
logo
Fluke Corporation
PRV240 FLUKE-PRV240 Datasheet
1Mb / 1P
Proving Unit
More results

Similar Description - PRV240FS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CNX3000 ETC-CNX3000 Datasheet
2Mb / 7P
Fluke CNX3000 Series Test Tools
logo
Fluke Corporation
414D FLUKE-414D Datasheet
1Mb / 3P
Fluke 417D Laser Distance Measurer
773 FLUKE-773 Datasheet
1Mb / 2P
Fluke 772 and 773 Milliamp Process Clamp Meters
1750 FLUKE-1750 Datasheet
2Mb / 8P
Fluke 1750 Three-Phase Power Recorder
TLK-220 FLUKE-TLK-220 Datasheet
305Kb / 1P
Fluke TLK-220 SureGripTM Industrial Test Lead Kit
T6-600 FLUKE-T6-600 Datasheet
481Kb / 2P
Fluke T6 Electrical Testers with FieldSense technology
561 FLUKE-561 Datasheet
258Kb / 2P
Fluke 561 Infrared and Contact Thermometer
PRV240 FLUKE-PRV240 Datasheet
1Mb / 1P
Proving Unit
FLUKE-805 FLUKE-FLUKE-805 Datasheet
2Mb / 4P
Fluke 805 Vibration Meter
4/2012
TL940 FLUKE-TL940 Datasheet
114Kb / 3P
Fluke TL940 Mini-Hook Test Leads
11/2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com