Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM7350 Datasheet(PDF) 21 Page - PMC-Sierra, Inc

Part # PM7350
Description  DUAL SERIAL LINK PHY MULTIPLEXER
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7350 Datasheet(HTML) 21 Page - PMC-Sierra, Inc

Back Button PM7350 Datasheet HTML 17Page - PMC-Sierra, Inc PM7350 Datasheet HTML 18Page - PMC-Sierra, Inc PM7350 Datasheet HTML 19Page - PMC-Sierra, Inc PM7350 Datasheet HTML 20Page - PMC-Sierra, Inc PM7350 Datasheet HTML 21Page - PMC-Sierra, Inc PM7350 Datasheet HTML 22Page - PMC-Sierra, Inc PM7350 Datasheet HTML 23Page - PMC-Sierra, Inc PM7350 Datasheet HTML 24Page - PMC-Sierra, Inc PM7350 Datasheet HTML 25Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 241 page
background image
RELEASED
PM7350 S/UNI-DUPLEX
DATA SHEET
PMC-1980581
ISSUE 5
DUAL SERIAL LINK PHY MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
9
In the clock and data receive direction the S/UNI-DUPLEX performs bit level ATM
cell delineation function. In the transmit direction the S/UNI-DUPLEX can
operate in either bit or frame aligned mode. In frame mode (also called byte
aligned mode) the two wire transmit interface continuously monitors for gaps in
the transmit clock to determine where the frame or byte alignment should occur.
The circuitry assumes that when a gap in the transmit clock is detected this is
either the framing bit position (e.g. the DS-1 framing bit) or an overhead byte
(e.g. ADSL modem). In either case the next clock period after the gap is
assumed to represent the byte alignment position.
In the multiplexer application discussed previously the S/UNI-DUPLEX’s LVDS
interfaces are connected to one or two S/UNI-VORTEX devices. It is also
possible to interface S/UNI-DUPLEX to S/UNI-DUPLEX via the LVDS link. Since
the S/UNI-DUPLEX bus interface can be configured in several ways (clock and
data, 8/16 bits bus master, 8/16 bit bus slave) there are various applications
where two S/UNI-DUPLEX devices can be used “back-to-back” in order to
perform one or more of the following functions:
1. Interfacing a bus master device to another bus master.
2. Interfacing a bus slave device to another bus slave.
3. Converting between 8 bit and 16 bit buses.
4. Off card or off shelf bus extension.
5. Cell delineation (I.432 processing).
6. Protection switching.
Examples of these types of configurations are shown in Fig. 4 and Fig. 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com