Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VR10 Datasheet(PDF) 2 Page - ZKTECO CO., LTD. All rights reserved.

Part # VR10
Description  Radar for the Parking Barrier Parameter Settings with an App
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZKTECO [ZKTECO CO., LTD. All rights reserved.]
Direct Link  https://www.zkteco.com/en/
Logo ZKTECO - ZKTECO CO., LTD. All rights reserved.

VR10 Datasheet(HTML) 2 Page - ZKTECO CO., LTD. All rights reserved.

  VR10 Datasheet HTML 1Page - ZKTECO CO., LTD. All rights reserved. VR10 Datasheet HTML 2Page - ZKTECO CO., LTD. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dimensions (mm)
Application Installation
Specifications
Model
VR10
Detection Distance
1m to 6m
Working Frequency
79GHz
Working Voltage
DC 10V to16V
Working Current
0.2A
Power Consumption
≤ 2.5W
Transmitter Power Output
12.5dBm
Antenna Gain
10dBi
Interface
Bluetooth, RS485, Relay
Product Dimensions (mm)
107.5*73.2*18
Package Dimensions (mm)
166*94*97
Net Weight
228.4g
Working Temperature
-40°C to 85°C
Protection Standard
IP67
Supported App
Radar Assitant
Note: Supports straight booms
The maximum speed of vehicles is 15km/h.
iOS: Please go to the App Store and search "Radar
Assistant" for downloading it
Android:
Copyright © 2021 ZKTECO CO., LTD. All rights reserved.
ZKTECO CO.,LTD.
www.zkteco.com E-mail: sales@zkteco.
com
V1.0 2021.05.10



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com