Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC137PW Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC137PW
Description  High-Speed CMOS Logic, 3- to 8-Line Decoder/Demultiplexer with Address Latches
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC137PW Datasheet(HTML) 21 Page - Texas Instruments

Back Button CD74HC137PW Datasheet HTML 17Page - Texas Instruments CD74HC137PW Datasheet HTML 18Page - Texas Instruments CD74HC137PW Datasheet HTML 19Page - Texas Instruments CD74HC137PW Datasheet HTML 20Page - Texas Instruments CD74HC137PW Datasheet HTML 21Page - Texas Instruments CD74HC137PW Datasheet HTML 22Page - Texas Instruments CD74HC137PW Datasheet HTML 23Page - Texas Instruments CD74HC137PW Datasheet HTML 24Page - Texas Instruments CD74HC137PW Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
NOTES: (continued)
8.
Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
9.
Board assembly site may have different recommendations for stencil design.
EXAMPLE STENCIL DESIGN
4224642/D 07/2024
www.ti.com
SOT-23-THIN - 1.1 mm max height
DYY0016A
PLASTIC SMALL OUTLINE
SOLDER PASTE EXAMPLE
BASED ON 0.125 mm THICK STENCIL
SCALE: 20X
SYMM
SYMM
16X (0.3)
16X (1.05)
(3)
14X (0.5)
(R0.05) TYP
1
8
9
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com