Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM7350-PI Datasheet(PDF) 42 Page - PMC-Sierra, Inc

Part # PM7350-PI
Description  DUAL SERIAL LINK PHY MULTIPLEXER
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7350-PI Datasheet(HTML) 42 Page - PMC-Sierra, Inc

Back Button PM7350-PI Datasheet HTML 38Page - PMC-Sierra, Inc PM7350-PI Datasheet HTML 39Page - PMC-Sierra, Inc PM7350-PI Datasheet HTML 40Page - PMC-Sierra, Inc PM7350-PI Datasheet HTML 41Page - PMC-Sierra, Inc PM7350-PI Datasheet HTML 42Page - PMC-Sierra, Inc PM7350-PI Datasheet HTML 43Page - PMC-Sierra, Inc PM7350-PI Datasheet HTML 44Page - PMC-Sierra, Inc PM7350-PI Datasheet HTML 45Page - PMC-Sierra, Inc PM7350-PI Datasheet HTML 46Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 241 page
background image
RELEASED
PM7350 S/UNI-DUPLEX
DATA SHEET
PMC-1980581
ISSUE 5
DUAL SERIAL LINK PHY MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
30
Ball
Name
Type
Ball
No.
Function
High Speed LVDS Links
OSOC
Output
L7
In all bus modes, OSOC is updated on the rising
edge of OFCLK. When not presenting valid data,
OSOC is high impedance.
In SCI-PHY/Utopia bus slave mode (OMASTER =
0, OANYPHY = 0) the output port start of cell
(OSOC) indication signal marks the first word of the
cell transfer on the ODAT[15:0] data bus. OSOC is
driven immediately upon sampling OENB low if the
previous polling cycle resulted in this device being
selected (see the OCA description below).
In Any-PHY bus slave mode (OMASTER = 0,
OANYPHY = 1) the output port start of cell (OSOC)
indication signal marks the second word of the cell
transfer on the ODAT[15:0] data bus. OSOC is
driven after one OFCLK cycle delay upon sampling
OENB low if the previous polling cycle resulted in
this device being selected (see the OCA description
below). Autonomous deselection occurs after the
last word of a cell resulting in setting OSOC high-
impedance until reselection.
In SCI-PHY/Utopia bus master mode (OMASTER
= 1, OANYPHY = 0) the output port start of cell
(OSOC) indication signal marks the first word of the
cell transfer on the ODAT[15:0] data bus. OSOC is
valid coincident with OENB assertion..
When OANYPHY is high, autonomous deselection
occurs after the last word of a cell resulting in
setting OSOC high-impedance until reselection.
This output is only active if the SCIANY input is a
logic high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com