Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M69KB128AA85DW8 Datasheet(PDF) 13 Page - STMicroelectronics

Part # M69KB128AA85DW8
Description  128 Mbit (8Mb x16) 1.8V Supply, Burst PSRAM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69KB128AA85DW8 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M69KB128AA85DW8 Datasheet HTML 9Page - STMicroelectronics M69KB128AA85DW8 Datasheet HTML 10Page - STMicroelectronics M69KB128AA85DW8 Datasheet HTML 11Page - STMicroelectronics M69KB128AA85DW8 Datasheet HTML 12Page - STMicroelectronics M69KB128AA85DW8 Datasheet HTML 13Page - STMicroelectronics M69KB128AA85DW8 Datasheet HTML 14Page - STMicroelectronics M69KB128AA85DW8 Datasheet HTML 15Page - STMicroelectronics M69KB128AA85DW8 Datasheet HTML 16Page - STMicroelectronics M69KB128AA85DW8 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 68 page
background image
M69KB128AA
3 Power-up
13/68
3
Power-up
To guarantee correct operation, a specific Power-Up sequence must be followed to initialize the
M69KB128AA. Power must be applied simultaneously to VCC and VCCQ. Once VCC and VCCQ
have reached a stable level (see Figure 35: Deep Power-Down Entry and Exit AC Waveforms
and Figure 34: Power-Up AC Waveforms), the device will require tVCHEL to complete its self-
initialization process. During the initialization period, the E signal must remain High. Once
initialization has completed, the device is ready for normal operation.
Initialization will load the Bus Configuration Register (BCR) and the Refresh Configuration
Register (RCR) with their default settings (see Table 9: Bus Configuration Register Definition,
and Table 11: Refresh Configuration Register Definition).
4
Low-power modes
4.1
Standby
When the device is in Standby, the current consumption is reduced to the level necessary to
perform the memory array refresh operation. The device will enter Standby when a read or
write operation is completed, depending on the operating mode (Asynchronous, NOR-Flash
Synchronous or Full Synchronous).
For details on how to enter Standby, refer to Table 3: Standard Asynchronous Operating
Modes, Table 5: Asynchronous Write Operations (NOR-Flash Synchronous mode) and Table 6:
Synchronous Read Operations (NOR-Flash Synchronous mode).
4.2
Deep Power-Down
Deep Power-Down (DPD) is used by the system memory microcontroller to disable the PSRAM
device when its storage capabilities are not needed. All refresh operations are then disabled.
For the device to enter Deep Power-Down, bit 4 of the RCR must be set to ‘0’ and Chip Enable,
E, must go High, VIH. When the Deep Power-Down is enabled, the data stored in the device
may be corrupted and BCR, RCR and DIDR content are saved.
To exit Deep Power-Down, the Chip Enable signal, E, must be held Low, VIL, for a minimum
time of tEHEL(DP). Bit 4 of the RCR will be automatically set to ‘1’. Once the Deep Power-Down
is exited, the device will be available for normal operations after tVCHEL (time to perform an
initialization sequence) During this delay, the current consumption will be higher than the
specified Standby levels, but considerably lower than the active current. The content of the
registers will be restored after Deep Power-Down.
For details on how to enter Deep Power-Down, refer to Table 3: Standard Asynchronous
Operating Modes, Table 5: Asynchronous Write Operations (NOR-Flash Synchronous mode)
and Table 6: Synchronous Read Operations (NOR-Flash Synchronous mode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com