Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STG3684ADTR Datasheet(PDF) 11 Page - STMicroelectronics

Part # STG3684ADTR
Description  Low voltage 0.5 Ω max dual SPDT switch with break-before-make
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3684ADTR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STG3684ADTR Datasheet HTML 7Page - STMicroelectronics STG3684ADTR Datasheet HTML 8Page - STMicroelectronics STG3684ADTR Datasheet HTML 9Page - STMicroelectronics STG3684ADTR Datasheet HTML 10Page - STMicroelectronics STG3684ADTR Datasheet HTML 11Page - STMicroelectronics STG3684ADTR Datasheet HTML 12Page - STMicroelectronics STG3684ADTR Datasheet HTML 13Page - STMicroelectronics STG3684ADTR Datasheet HTML 14Page - STMicroelectronics STG3684ADTR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
STG3684A
Electrical characteristics
11/28
Q
Charge injection
1.65
−1.95
CL = 100 pF
RL =1MΩ
VGEN =0V
RGEN =0 Ω
43
pC
2.3
−2.7
51
3.0
−3.3
51
3.6
−4.3
49
Table 8.
Analog switch characteristics (CL =5pF, RL =50 Ω, TA =25°C)
Symbol
Parameter
VCC
(V)
Test condition
Value
Unit
TA = 25 °C
-40 to 85 °C
Min
Typ
Max
Min
Max
OIRR
Off isolation(1)
1.
Off Isolation = 20Log10 (VD/VS), VD = output. VS = input at off switch
1.65
−4.3
VS =1VRMS
f=100kHz
-66
dB
Xtalk
Crosstalk
1.65
−4.3
VS =1VRMS
f=100kHz
-72
dB
THD
Total harmonic
distortion
2.3
−4.3
RL =600 Ω
VIN =2VPP
f = 20 Hz to
20 kHz
0.02
%
BW
-3dB bandwidth 1.65
−4.3 RL=50 Ω
55
MHz
CIN
Control pin
input
capacitance
5
pF
CSn
Sn port
capacitance
3.3
f = 1 MHz
40
CD
D port
capacitance
when switch is
enabled
3.3
f = 1 MHz
114
Table 7.
AC electrical characteristics (CL =35pF, RL =50 Ω, tr =tf ≤6 ns)
Symbol
Parameter
VCC
(V)
Test
condition
Value
Unit
TA = 25 °C
-40 to 85 °C
Min
Typ
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com