Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP140NF55 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP140NF55
Description  N-channel 55V - 0.0065Ω - 80A - D2PAK - I2PAK - TO-220 STripFET™II Power MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP140NF55 Datasheet(HTML) 1 Page - STMicroelectronics

  STP140NF55 Datasheet HTML 1Page - STMicroelectronics STP140NF55 Datasheet HTML 2Page - STMicroelectronics STP140NF55 Datasheet HTML 3Page - STMicroelectronics STP140NF55 Datasheet HTML 4Page - STMicroelectronics STP140NF55 Datasheet HTML 5Page - STMicroelectronics STP140NF55 Datasheet HTML 6Page - STMicroelectronics STP140NF55 Datasheet HTML 7Page - STMicroelectronics STP140NF55 Datasheet HTML 8Page - STMicroelectronics STP140NF55 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
March 2007
Rev 4
1/15
General features
Description
This Power MOSFET is the latest development of
STMicroelectronics unique “Single Feature
Size™” strip-based process. The resulting
transistor shows extremely high packing density
for low on-resistance, rugged avalance
characteristics and less critical alignment steps
therefore a remarkable manufacturing
reproducibility.
Applications
■ Motor control
■ High current, switching application
Internal schematic diagram
Type
VDSS
RDS(on)
ID
(1)
1.
Current limited by package
STB140NF55
55V
<0.008
Ω
80A
STB140NF55-1
55V
<0.008
Ω
80A
STP140NF55
55V
<0.008
Ω
80A
1
3
1
2
3
1
2
3
D²PAK
TO-220
I²PAK
STB140NF55 - STB140NF55-1
STP140NF55
N-channel 55V - 0.0065
Ω - 80A - D2PAK - I2PAK - TO-220
STripFET™ II Power MOSFET
www.st.com
Order codes
Part number
Marking
Package
Packaging
STB140NF55
B140NF55
D²PAK
Tape & reel
STB140NF55-1
B140NF55
I²PAK
Tube
STP140NF55
P140NF55
TO-220
Tube


Similar Part No. - STP140NF55

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP140NF55 STMICROELECTRONICS-STP140NF55 Datasheet
280Kb / 11P
N-CHANNEL 55V - 0.0065 ohm - 80A TO-220/D2PAK STripFET II POWER MOSFET
07-Nov-2004
logo
VBsemi Electronics Co.,...
STP140NF55 VBSEMI-STP140NF55 Datasheet
998Kb / 7P
N-Channel 60 V (D-S) MOSFET
logo
Inchange Semiconductor ...
STP140NF55 ISC-STP140NF55 Datasheet
371Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP140NF55

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB85NF55 STMICROELECTRONICS-STB85NF55 Datasheet
376Kb / 10P
N-CHANNEL 55V - 0.0062 ohm - 80A D2PAK/TO-220 STripFET™ II POWER MOSFET
Jan-2003
STB85NF55L STMICROELECTRONICS-STB85NF55L Datasheet
370Kb / 10P
N-CHANNEL 55V - 0.0060 ohm - 80A D2PAK/TO-220 STripFET™ II POWER MOSFET
Sep-2002
STP80NF03L-04-1 STMICROELECTRONICS-STP80NF03L-04-1 Datasheet
360Kb / 11P
N-CHANNEL 30V - 0.0035ohm - 80A D2PAK/I2PAK/TO-220 STripFET™ II POWER MOSFET
Feb-2003
STP80NF55-08 STMICROELECTRONICS-STP80NF55-08 Datasheet
353Kb / 11P
N-CHANNEL 55V - 0.0065 ohm - 80A D2PAK/I2PAK/TO-220 STripFET™ II POWER MOSFET
Mar-2002
STP80NF55L-08 STMICROELECTRONICS-STP80NF55L-08 Datasheet
320Kb / 8P
N-CHANNEL 55V - 0.0065ohm - 80A - TO-220/D2PAK STripFET™ II POWER MOSFET
Apr-2003
STB140NF55 STMICROELECTRONICS-STB140NF55 Datasheet
280Kb / 11P
N-CHANNEL 55V - 0.0065 ohm - 80A TO-220/D2PAK STripFET II POWER MOSFET
07-Nov-2004
STB80NF55-06 STMICROELECTRONICS-STB80NF55-06 Datasheet
533Kb / 7P
N-channel 55V - 0.005 - 80A - TO-220 /FP - I2PAK - D2PAK STripFET II Power MOSFET
Oct-1999
STP80NF03L-04 STMICROELECTRONICS-STP80NF03L-04_03 Datasheet
363Kb / 11P
N-CHANNEL 30V - 0.0035 W - 80A D2PAK/I2PAK/TO-220 STripFET??II POWER MOSFET
Feb-2003
STB141NF55 STMICROELECTRONICS-STB141NF55 Datasheet
358Kb / 15P
N-channel 55V - 0.0065廓 - 80A - D2PAK - I2PAK - TO-220 STripFET??II Power MOSFET
01-Aug-2007
STB80NF55-06 STMICROELECTRONICS-STB80NF55-06_06 Datasheet
449Kb / 17P
N-channel 55V - 0.005 - 80A - TO-220 /FP - I2PAK - D2PAK STripFET II Power MOSFET
24-Oct-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com