Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4040D50ILPR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM4040D50ILPR
Description  LM4040 Precision Micropower Shunt Voltage Reference
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4040D50ILPR Datasheet(HTML) 3 Page - Texas Instruments

  LM4040D50ILPR Datasheet HTML 1Page - Texas Instruments LM4040D50ILPR Datasheet HTML 2Page - Texas Instruments LM4040D50ILPR Datasheet HTML 3Page - Texas Instruments LM4040D50ILPR Datasheet HTML 4Page - Texas Instruments LM4040D50ILPR Datasheet HTML 5Page - Texas Instruments LM4040D50ILPR Datasheet HTML 6Page - Texas Instruments LM4040D50ILPR Datasheet HTML 7Page - Texas Instruments LM4040D50ILPR Datasheet HTML 8Page - Texas Instruments LM4040D50ILPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 58 page
background image
4 Device Comparison Table
TA
DEVICE
GRADE
VKA
ORDERABLE (1)
PART NUMBER
–40°C to 85°C
A grade:
0.1% initial
accuracy
and
100 ppm/°C
temperature
coefficient
2.048V
LM4040A20I
2.5V
LM4040A25I
3V
LM4040A30I
4.096V
LM4040A41I
5V
LM4040A50I
8.192V
LM4040A82I
10V
LM4040A10I
B grade:
0.2% initial
accuracy
and
100 ppm/°C
temperature
coefficient
2.048V
LM4040B20I
2.5V
LM4040B25I
3V
LM4040B30I
4.096V
LM4040B41I
5V
LM4040B50I
8.192V
LM4040B82I
10V
LM4040B10I
–40°C to 85°C
C grade:
0.5% initial
accuracy
and
100 ppm/°C
temperature
coefficient
2.048V
LM4040C20I
2.5V
LM4040C25I
3V
LM4040C30I
4.096V
LM4040C41I
5V
LM4040C50I
8.192V
LM4040C82I
10V
LM4040C10I
–40°C to 85°C
D grade:
1.0% initial
accuracy
and
150 ppm/°C
temperature
coefficient
2.048V
LM4040D20I
2.5V
LM4040D25I
3V
LM4040D30I
4.096V
LM4040D41I
5V
LM4040D50I
8.192V
LM4040D82I
10V
LM4040D10I
–40°C to 125°C
C grade:
0.5% initial
accuracy
and
100 ppm/°C
temperature
coefficient
2.048V
LM4040C20Q
2.5V
LM4040C25Q
3V
LM4040C30Q
5V
LM4040C50Q
D grade:
1.0% initial
accuracy
and
150 ppm/°C
temperature
coefficient
2.048V
LM4040D20Q
2.5V
LM4040D25Q
3V
LM4040D30Q
5V
LM4040D50Q
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
www.ti.com
LM4040A, LM4040B, LM4040C, LM4040D
SLOS456O – JANUARY 2005 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: LM4040A LM4040B LM4040C LM4040D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com