Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SX9331EVKA Datasheet(PDF) 10 Page - Semtech Corporation

Part # SX9331EVKA
Description  PerSe Connect, High Performance Small 5-ch. Capacitive Sensor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX9331EVKA Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SX9331EVKA Datasheet HTML 6Page - Semtech Corporation SX9331EVKA Datasheet HTML 7Page - Semtech Corporation SX9331EVKA Datasheet HTML 8Page - Semtech Corporation SX9331EVKA Datasheet HTML 9Page - Semtech Corporation SX9331EVKA Datasheet HTML 10Page - Semtech Corporation SX9331EVKA Datasheet HTML 11Page - Semtech Corporation SX9331EVKA Datasheet HTML 12Page - Semtech Corporation SX9331EVKA Datasheet HTML 13Page - Semtech Corporation SX9331EVKA Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
SX9331
Final Datasheet
April 21, 2023
www.semtech.com
10 of 48
Rev. 2
Proprietary & Confidential
Semtech
Parameter
Symbol
Conditions
Min
Typ.
Max
Unit
I2C Timing Specifications (Cf. figure below)
SCL clock frequency
fSCL
-
-
400
kHz
SCL low period
tLOW
1.3
-
-
us
SCL high period
tHIGH
0.6
-
-
Data setup time
tSU;DAT
0.1
-
-
Data hold time
tHD;DAT
0
-
-
Repeated start setup time
tSU;STA
0.6
-
-
Start condition hold time
tHD;STA
0.6
-
-
Stop condition setup time
tSU;STO
0.6
-
-
Bus free time between stop
and start
tBUF
1.3
-
-
Data valid time
tVD;DAT
-
-
0.9
Data valid acknowledge time
tVD;ACK
-
-
0.9
Rise time of SCL and SDA
tR400
Load ≤ 400pF
20
-
300
ns
Fall time of SCL and SDA
tF400
Load ≤ 400pF
20*( VPULL
/5.5)
-
300
ns
Input glitch suppression
tSP
Note 1
-
-
50
ns
Note 1: Minimum glitch amplitude is 0.7VDD at High level and Maximum 0.3VDD at Low level.
Table 7: I2C Timing Specifications
Figure 3: I2C Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com