Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS52001 Datasheet(PDF) 21 Page - Semtech Corporation

Part # TS52001
Description  High Efficiency Li-Ion Battery Charger for Photovoltaic Sources
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS52001 Datasheet(HTML) 21 Page - Semtech Corporation

Back Button TS52001 Datasheet HTML 14Page - Semtech Corporation TS52001 Datasheet HTML 15Page - Semtech Corporation TS52001 Datasheet HTML 16Page - Semtech Corporation TS52001 Datasheet HTML 17Page - Semtech Corporation TS52001 Datasheet HTML 18Page - Semtech Corporation TS52001 Datasheet HTML 19Page - Semtech Corporation TS52001 Datasheet HTML 20Page - Semtech Corporation TS52001 Datasheet HTML 21Page - Semtech Corporation TS52001 Datasheet HTML 22Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
TS52001
www.semtech.com
Page 21 of 22
Final Datasheet
Rev. 1.3
August 29, 2016
Semtech
Mold compound
Die
Epoxy Die attach
Exposed pad
Solder
Thermal Vias with Cu plating
Single Layer, 2oz Cu
Ground Layer, 1oz Cu
Signal Layer, 1oz Cu
Bottom Layer, 2oz Cu
20% Cu coverage
90% Cu coverage
5% - 10% Cu coverage
Note: NOT to Scale
The above drawing is a representation of how the heat can be conducted away from the die using an exposed pad package. Each
application will have different requirements and limitations and therefore the user should use sufficient copper to dissipate the
power in the system. The output current rating for the linear regulators may have to be de-rated for ambient temperatures above
85C. The de-rate value will depend on calculated worst case power dissipation and the thermal management implementation in
the application.
Application Using A Single Layer PCB
Layout recommendations for a Single Layer PCB: utilize as much Copper Area for Power Management. In a single layer board
application the thermal pad is attached to a heat spreader (copper areas) by using low thermal impedance attachment method
(solder paste or thermal conductive epoxy).
In both of the methods mentioned above it is advisable to use as much copper traces as possible to dissipate the heat.
Important:
If the attachment method is NOT implemented correctly, the functionality of the product is not guaranteed. Power
dissipation capability will be adversely affected if the device is incorrectly mounted onto the circuit board.
Use as much Copper Area
as possible for heat spread
Package Thermal Pad
Package Outline



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com