Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM7366 Datasheet(PDF) 21 Page - PMC-Sierra, Inc

Part # PM7366
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7366 Datasheet(HTML) 21 Page - PMC-Sierra, Inc

Back Button PM7366 Datasheet HTML 17Page - PMC-Sierra, Inc PM7366 Datasheet HTML 18Page - PMC-Sierra, Inc PM7366 Datasheet HTML 19Page - PMC-Sierra, Inc PM7366 Datasheet HTML 20Page - PMC-Sierra, Inc PM7366 Datasheet HTML 21Page - PMC-Sierra, Inc PM7366 Datasheet HTML 22Page - PMC-Sierra, Inc PM7366 Datasheet HTML 23Page - PMC-Sierra, Inc PM7366 Datasheet HTML 24Page - PMC-Sierra, Inc PM7366 Datasheet HTML 25Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 286 page
background image
RELEASED
PM7366 FREEDM-8
DATA SHEET
PMC-1970930
ISSUE 4
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA,INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
8
(combined opening and closing flag). Zeros between flags are not shared. PCI bus latency may
cause one or more channels to underflow, in which case, the packets are aborted, and the host is
notified. For normal traffic, an abort sequence is generated, followed by inter-frame time fill
characters (flags or all-ones bytes) until a new packet is sourced from the PCI host. No attempt is
made to automatically re-transmit an aborted packet.
Alternatively, in the transmit direction, the FREEDM-8 supports a transparent operating mode. For
each provisioned transparent channel, the FREEDM-8 directly inserts the transmitted octets from
host memory. If the transparent channel is assigned to a channelised link, then the octets are
aligned to the transmitted time-slots. If a channel underflows due to excessive PCI bus latency,
an abort sequence is generated, followed by inter-frame time fill characters (flags or all-ones
bytes) to indicate idle channel. Data resumes immediately when the FREEDM-8 receives new
data from the host.
The FREEDM-8 is configured, controlled and monitored using the PCI bus interface. The
FREEDM-8 is implemented in low power CMOS technology, with TTL compatible inputs and
outputs. The FREEDM-8 is available in two package options; a 256 pin enhanced ball grid array
(SBGA) package, or a 272 pin plastic ball grid array (PBGA) package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com