Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA74308LP Datasheet(PDF) 13 Page - Sanyo Semicon Device

Part # LA74308LP
Description  Monolithic Linear IC Audio Interface for DSC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA74308LP Datasheet(HTML) 13 Page - Sanyo Semicon Device

Back Button LA74308LP Datasheet HTML 8Page - Sanyo Semicon Device LA74308LP Datasheet HTML 9Page - Sanyo Semicon Device LA74308LP Datasheet HTML 10Page - Sanyo Semicon Device LA74308LP Datasheet HTML 11Page - Sanyo Semicon Device LA74308LP Datasheet HTML 12Page - Sanyo Semicon Device LA74308LP Datasheet HTML 13Page - Sanyo Semicon Device LA74308LP Datasheet HTML 14Page - Sanyo Semicon Device LA74308LP Datasheet HTML 15Page - Sanyo Semicon Device LA74308LP Datasheet HTML 16Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LA74308LP
No.A0898-13/16
LA74308LP Input/output Pattern Table
PIN
Pin Name
DC voltage
AC voltage
Description of functions
Equivalent circuit diagram in pin
1
SP IN
1.27V
At PB reference input
Output level = -9dBV
(EVR MAX)
Speaker input pin
23
SPK OUT-
1.27V
At PB reference input
Output level = -9dBV
(EVR MAX)
Speaker negative-phase output pin
2
EVR OUT
1.5V
EVR output pin
3
STANDBY L
STANDBY control pin
2V or more:
STANDBY canceled
4
LINE OUT
LINE output pin
5
LINE MUTE
1.5V
At PB reference input
Output level = -9dBV
LINE output mute transistor
6
7
8
CS
CLOCK
DATA
CS input pin
CLOCK input pin
DATA input pin
Continued on next page.
400
Ω 11kΩ
23
VCCSP(=3.3V)
1
10k
Ω
35k
Ω
2
12.5k
Ω
VREFL
VCC(=3.0V)
3
70k
Ω
50k
Ω
4
VCC(=3.0V)
26k
Ω
VREFL
2k
Ω
14k
Ω
5
10
Ω
60k
Ω
Ω
6
7
8
50k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com