Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA730 Datasheet(PDF) 1 Page - OPTEK Technologies

Part # OPA730
Description  12 Watt Light Ring on Anotherm Linear Heat Spreader
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPA730 Datasheet(HTML) 1 Page - OPTEK Technologies

  OPA730 Datasheet HTML 1Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Issue A
04/06
Page 1 of 1
OPA730 Series
12 Watt Light Ring on
Anotherm Linear Heat Spreader
OPA730 Series
•
12, 1 watt LEDs per ring
•
Mono-color per strip (Blue, Green, Red, Yellow, White)
•
Two component beam angle options (120° or 40°)
•
Universal connector (Tyco 2-292173-2 mates with 173977-2)
•
RoHS Compliant
The OPA730 Series are designed for areas where lighting intensity and reliability
are essential. The light beam angles of 40° and 120° are ideal for illuminating small and medium size areas while
requiring minimal space. A patented substrate is used to ensure the best heat dissipation of any light assembly in
the industry.
For custom colors and design contact your OPTEK representative.
Product Photo Here
RoHS
OPA730_ (120° Beam Angle)
OPA730_D (40° Beam Angle)
Electrical / Optical Characteristics: TA=25°C, IF=700mA
Part Number
Typical Forward Voltage (V)
Luminous Flux (lm)
Beam Angle
Color
OPA730Y
15.0
420
Yellow
OPA730B
21.6
108
Blue
OPA7309G
21.6
576
Green
OPA730R
15.0
312
Red
OPA730W
21.6
576
White
OPA730YD
15.0
420
40°
Yellow
OPA730BD
21.6
108
Blue
OPA730GD
21.6
576
Green
OPA730RD
15.0
312
Red
OPA730WD
21.6
576
White
120°
Dominant Wavelength
587 nm
470 nm
530 nm
625 nm
6,500°K
587 nm
470 nm
530 nm
625 nm
6,500°K
OPA730_
See OVSP_BCR4 for
component specifications
See OVSP_4CR44 for
component specifications
OPA730_D
DO NOT LOOK DIRECTLY AT LED WITH
UNSHIELDED EYES OR DAMAGE TO
RETINA MAY OCCUR.
+ Voltage
Ground


Similar Part No. - OPA730

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OPA730 TTELEC-OPA730 Datasheet
227Kb / 2P
12 Watt Light Ring on OptoTherm Linear Heat Sperader
OPA730B TTELEC-OPA730B Datasheet
227Kb / 2P
12 Watt Light Ring on OptoTherm Linear Heat Sperader
OPA730BD TTELEC-OPA730BD Datasheet
227Kb / 2P
12 Watt Light Ring on OptoTherm Linear Heat Sperader
OPA730G TTELEC-OPA730G Datasheet
227Kb / 2P
12 Watt Light Ring on OptoTherm Linear Heat Sperader
OPA730GD TTELEC-OPA730GD Datasheet
227Kb / 2P
12 Watt Light Ring on OptoTherm Linear Heat Sperader
More results

Similar Description - OPA730

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPA729 OPTEK-OPA729 Datasheet
306Kb / 1P
10 Watt Light Bar on Anotherm Linear Heat Spreader
OPA731 OPTEK-OPA731 Datasheet
165Kb / 1P
20 Watt Light Flood on Anotherm Linear Heat Spreader
OPA733 OPTEK-OPA733 Datasheet
144Kb / 1P
1 Watt Light Spot on Anotherm Linear Heat Spreader
OPA739 OPTEK-OPA739 Datasheet
131Kb / 1P
3 Watt Light Bar on Anotherm Heat Spreader
OPA740 OPTEK-OPA740 Datasheet
224Kb / 1P
10 Watt Light Bar on Anotherm Linear Heat Spreader
OPA741 OPTEK-OPA741 Datasheet
169Kb / 1P
12 Watt Light Ring on Anotherm Linear Heat Spreader with Lens
OPA742 OPTEK-OPA742 Datasheet
142Kb / 1P
1 Watt Light Spot on Anotherm Linear Heat Spreader with Lens
logo
TT Electronics.
OPA730 TTELEC-OPA730 Datasheet
227Kb / 2P
12 Watt Light Ring on OptoTherm Linear Heat Sperader
OPA731 TTELEC-OPA731 Datasheet
548Kb / 2P
20 Watt Light Flood on OptoTherm Linear Heat Spreader
OPA733 TTELEC-OPA733 Datasheet
114Kb / 1P
1 Watt Light Spot on OptoTherm Linear Heat Spreader
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com