Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7767 Datasheet(PDF) 18 Page - Analog Devices

Part # AD7767
Description  24-Bit, 8.5 mW, 109 dB, 128/64/32 kSPS ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7767 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD7767 Datasheet HTML 14Page - Analog Devices AD7767 Datasheet HTML 15Page - Analog Devices AD7767 Datasheet HTML 16Page - Analog Devices AD7767 Datasheet HTML 17Page - Analog Devices AD7767 Datasheet HTML 18Page - Analog Devices AD7767 Datasheet HTML 19Page - Analog Devices AD7767 Datasheet HTML 20Page - Analog Devices AD7767 Datasheet HTML 21Page - Analog Devices AD7767 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AD7767
Rev. 0 | Page 18 of 24
DAISY CHAINING
Daisy chaining devices allows numerous devices to use the same
digital interface lines by cascading the outputs of multiple ADCs
on a single data line. This feature is especially useful for reduc-
ing component count and wiring connections, for example, in
isolated multiconverter applications or for systems with a limited
interfacing capacity. Data readback is analogous to clocking a
shift register where data is clocked on the falling edge of SCLK.
The block diagram in Figure 36 shows the way in which devices
must be connected in order to achieve daisy chain functionality.
This scheme operates by passing the output data of the SDO pin
of an AD7767 device to the SDI input of the next AD7767 device
in the chain. The data then continues through the chain until it
is clocked onto the SDO pin of the first device on the chain.
READING DATA IN DAISY CHAIN MODE
An example of a daisy chain of four AD7767 devices is shown in
Figure 36 and Figure 37. In the case illustrated in Figure 36, the
output of AD7767 (A) is the output of the full daisy chain. The
last device in the chain (AD7767 (D)) has its serial data in (SDI)
pin connected to ground. All the devices in the chain must use
common MCLK, SCLK, CS, and SYNC/PD signals.
To enable the daisy chain conversion process, apply a common
SYNC/PD pulse to all devices, synchronizing all the devices in
the chain (see the Power-Down, Reset, and Synchronization
section).
After applying a SYNC/PD pulse to all the devices, there is a
delay (as listed in Table 7) before valid conversion data appears
at the output of the chain of devices. As shown in Figure 37,
the first conversion result is output from the device labeled
AD7767 (A). This 24-bit conversion result is followed by the
conversion results from the devices B, C, and D, respectively,
with all conversion results output in an MSB first sequence. The
stream of conversion results is clocked through each device in
the chain and is eventually clocked onto the SDO pin of the
AD7767 (A) device. The conversion results of the all the devices
in the chain must be clocked onto the SDO pin of the final
device in the chain while its DRDY signal is active low. This is
illustrated in the example shown where the conversion results
from devices A, B, C, and D are clocked onto SDO (A) in the
time between the falling edge of DRDY (A) and the rising edge
of DRDY (A).
CHOOSING THE SCLK FREQUENCY
As shown in Figure 36, the number of SCLK falling edges that
occur during the period when DRDY (A) is active low must
match the number of devices in the chain multiplied by 24 (the
number of bits that must be clocked through onto SDO (A) for
each device).
The period of SCLK (tSCLK) required for a known daisy chain
length using a known common MCLK frequency must
therefore be established in advance. Note that the maximum
SCLK frequency is governed by t8 and is specified in the Timing
Specifications table for different VDRIVE voltages.
In the case where CS is tied logic low,
⎥⎦
⎢⎣
×
K
t
t
READ
SCLK
24
(1)
where:
K is the number of AD7767 devices in the chain.
tSCLK is the period of the SCLK.
tREAD equals DRDY
t
− t5.
In the case where CS is used in the daisy chain interface,
(
) (
)
⎥⎦
⎢⎣
×
+
+
K
t
t
t
t
t
13
7
6
READ
SCLK
24
(2)
where:
K is the number of AD7767 devices in the chain.
Note that the maximum value of SCLK is governed by t8 and is
specified in the Timing Specifications table for different VDRIVE
voltages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com