Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB11873 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LB11873
Description  Monolithic Digital IC For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11873 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LB11873 Datasheet HTML 1Page - Sanyo Semicon Device LB11873 Datasheet HTML 2Page - Sanyo Semicon Device LB11873 Datasheet HTML 3Page - Sanyo Semicon Device LB11873 Datasheet HTML 4Page - Sanyo Semicon Device LB11873 Datasheet HTML 5Page - Sanyo Semicon Device LB11873 Datasheet HTML 6Page - Sanyo Semicon Device LB11873 Datasheet HTML 7Page - Sanyo Semicon Device LB11873 Datasheet HTML 8Page - Sanyo Semicon Device LB11873 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
LB11873
No.A0081-3/14
Continued from preceding page.
Ratings
Unit
Parameter
Symbol
Conditions
min
typ
max
FGS Pin
Output saturation voltage
VOL (FGS)
IFGS = 7mA
0.15
0.5
V
Output leakage current
IL (FGS)
VO = VCC
10
μA
CSD Oscillator Circuit
Oscillator frequency
f (CSD)
C = 0.033
μF
31
Hz
High-level output voltage
VOH (CSD)
3.50
3.75
4.00
V
Low-level output voltage
VOL (CSD)
1.00
1.30
1.60
V
Amplitude
V (CSD)
2.20
2.45
2.80
Vp-p
External capacitor charge
current
ICHG1
VCSD = 2V
-7
-5
-3
μA
External capacitor discharge
current
ICHG2
VCSD = 2V
3
5
7
μA
Lock detection delay counts
CSDCT1
7
Clock disconnected protection
counts
CSDCT2
2
Constraint protection operation
counts
CSDCT3
31
Initial reset voltage
VRES
0.6
0.8
V
Phase Comparator Output
High-level input voltage
VPDH
IOH = -100μA
VREG - 0.2
VREG - 0.1
V
Low-level input voltage
VPDL
IOL = 100μA
0.2
0.3
V
Input source current
IPD+
VPD = VREG/2
-0.5
mA
Input sink current
IPD-
VPD = VREG/2
1.5
mA
Phase Lock Detection Output
Output saturation voltage
VOL (LD)
ILD = 10mA
0.15
0.5
V
Output leakage current
IL (LD)
VO = VCC
10
μA
Error Amplifier Block
Input offset voltage
VIO (ER)
Design target value*
-10
10
mV
Input bias current
IB (ER)
-1
1
μA
High-level output voltage
VOH (ER)
IEI = -0.1mA, no load
3.7
4.0
4.3
V
Low-level output voltage
VOL (ER)
IEI = 0.1mA, no load
0.7
1.0
1.3
V
DC bias level
VB (ER)
-5%
VREG/2
5%
V
Current Llimiter Circuit
Drive gain 1
GDF1
In the phase locked state
0.4
0.5
0.6
Times
Drive gain 2
GDF2
In the unlocked state
0.8
1.0
1.2
Times
Llimiter voltage 1
VRF1
VCC - VM, forward mode
0.45
0.5
0.55
V
Llimiter voltage 2
VRF2
VCC - VM, reverse mode
0.225
0.25
0.275
V
Thermal shutdown circuit
Thermal shutdown operating
temperature
TSD
Design target value* (junction
temperature)
150
170
°C
Thermal shutdown temperature
hysteresis
ΔTSD
Design target value* (junction
temperature)
40
°C
Low Voltage Protection Circuit
Operating voltage
VSDL
8.1
8.45
8.9
V
Hysteresis
ΔVSD
0.2
0.35
0.5
V
CLK pin
External input frequency
fI (CLK)
0.1
10
kHz
High-level input voltage
VIH (CLK)
2.0
VREG
V
Low-level input voltage
VIL (CLK)
0
1.0
V
Input open voltage
VIO (CLK)
3.0
V
Hysteresis
VIS (CLK)
0.25
V
High-level input current
IIH (CLK)
VCKIN = VREG
115
150
μA
Low-level input current
IIL (CLK)
VCKIN = 0V
-220
-175
μA
Continued on next page.
Note : * The design specification items are design guarantees and are not measured.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com