Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SWC-2434431505-282F-R1 Datasheet(PDF) 1 Page - Eravant

Part # SWC-2434431505-282F-R1
Description  Ka-Band Waveguide to 2.4mm Connector Adapter, Right Angle, 24 to 43.5 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant

SWC-2434431505-282F-R1 Datasheet(HTML) 1 Page - Eravant

  SWC-2434431505-282F-R1 Datasheet HTML 1Page - Eravant SWC-2434431505-282F-R1 Datasheet HTML 2Page - Eravant SWC-2434431505-282F-R1 Datasheet HTML 3Page - Eravant  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SWC-2434431505-282F-R1 and SWC-2434431505-282M-R1
www.eravant.com | 424-757-0168 | support@eravant.com
Copyright © 2023 by Eravant
1/3
Rev 1.2
Ka-Band Waveguide to 2.4mm Connector Adapter, Right Angle, 24 to 43.5 GHz
Models SWC-2434431505-282F-R1 and SWC-2434431505-282M-R1
are right angle (90°) Ka-Band waveguide to 2.4 mm coax adapters that
cover the frequency range of 24 to 43.5 GHz. They are designed and
manufactured for instrumentation grade quality but offered at a
commercial grade price, allowing efficient transition between the
rectangular waveguide and 2.4 mm coax connector.
Electrical Specifications:
Mechanical Specifications:
Parameter
Minimum
Typical
Maximum
Frequency Range
24.0 GHz
43.5 GHz
Insertion Loss
0.5 dB
Return Loss
15 dB
Power Handling
30 W (CW)
Specification Temperature
+25°C
Operating Temperature
-40°C
+85°C
Item
Specification
Waveguide
WR-28 Waveguide with UG-599/U Flange
Coaxial Port
2.4 mm Female for Model Number:
SWC-2434431505-282F-R1
Coaxial Port
2.4 mm Male for Model Number:
SWC-2434431505-282M-R1
Material
Aluminum
Finish
Gold Plated
Weight
0.4 Oz
Outline
WC-AR
ECCN
EAR99
FEATURES
•
Broad Band Coverage from 24
to 43.5 GHz
•
Lower Insertion Loss and
VSWR
•
Instrumentation Grade
• DC Open Circuit
APPLICATIONS
•
5G Systems and IoT
•
Test Lab
•
Instrumentations
• Sub-assemblies
SUPPLEMENTAL DETAILS


Similar Part No. - SWC-2434431505-282F-R1

ManufacturerPart #DatasheetDescription
logo
Eravant
SWC-2434431505-282M-R1 ERAVANT-SWC-2434431505-282M-R1 Datasheet
334Kb / 3P
Ka-Band Waveguide to 2.4mm Connector Adapter, Right Angle, 24 to 43.5 GHz
Rev 1.2
More results

Similar Description - SWC-2434431505-282F-R1

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
975WCAN AAC-975WCAN Datasheet
179Kb / 5P
Waveguide to Coaxial Adapter
logo
Pasternack Enterprises,...
PE9813 PASTERNACK-PE9813 Datasheet
261Kb / 2P
WR-42 to 2.92mm Male Waveguide to Coax Adapter 18 GHz to 26.5 GHz
PE9451 PASTERNACK-PE9451 Datasheet
244Kb / 2P
Precision 2.4mm Male to 2.4mm Male Adapter
PE9453 PASTERNACK-PE9453 Datasheet
238Kb / 3P
Precision 2.4mm Female to 2.4mm Female Adapter
logo
TriQuint Semiconductor
TGA4543 TRIQUINT-TGA4543_15 Datasheet
1Mb / 13P
40.5 to 43.5 GHz Power Amplifier
logo
Pasternack Enterprises,...
PE-W28CA001 PASTERNACK-PE-W28CA001 Datasheet
414Kb / 4P
WR-28 With UG-599 - U Flange to 2.92mm Female Waveguide to Coax Adapter Operating From 26.5 GHz to 40 GHz Ka Band
PE-W28CA002 PASTERNACK-PE-W28CA002 Datasheet
439Kb / 4P
WR-28 With UG-599 - U Flange to 2.92mm Male Waveguide to Coax Adapter Operating From 26.5 GHz to 40 GHz Ka Band
logo
Winchester Electronics ...
TRU-11244 WINCHESTER-TRU-11244 Datasheet
71Kb / 1P
CONNECTOR,COAXIAL 2.4MM(F) TO 2.4MM(F) ADAPTER
logo
Pasternack Enterprises,...
PEWCA1000 PASTERNACK-PEWCA1000 Datasheet
369Kb / 3P
WR-28 UG-599/U Square Cover Flange to 2.92mm Female Waveguide to Coax Adapter Operating From 26.5 GHz to 40 GHz, Ka Band
PE91518 PASTERNACK-PE91518 Datasheet
499Kb / 3P
1.85mm Male to 2.4mm Male Miter Right Angle Adapter
REV 1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com