Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9674 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9674
Description  Remote 8-bit I/O expander for Fm I2C-bus with interrupt
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9674 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9674 Datasheet HTML 1Page - NXP Semiconductors PCA9674 Datasheet HTML 2Page - NXP Semiconductors PCA9674 Datasheet HTML 3Page - NXP Semiconductors PCA9674 Datasheet HTML 4Page - NXP Semiconductors PCA9674 Datasheet HTML 5Page - NXP Semiconductors PCA9674 Datasheet HTML 6Page - NXP Semiconductors PCA9674 Datasheet HTML 7Page - NXP Semiconductors PCA9674 Datasheet HTML 8Page - NXP Semiconductors PCA9674 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
PCA9674_PCA9674A_2
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 12 October 2006
2 of 34
NXP Semiconductors
PCA9674/74A
Remote 8-bit I/O expander for Fm+ I2C-bus with interrupt
I Latch-up testing is done to JEDEC standard JESD78 which exceeds 100 mA
I Packages offered: DIP16, SO16, SSOP20, TSSOP16, HVQFN16
3.
Applications
I LED signs and displays
I Servers
I Industrial control
I Medical equipment
I PLCs
I Cellular telephones
I Gaming machines
I Instrumentation and test measurement
4.
Ordering information
Table 1.
Ordering information
Type number
Topside
mark
Package
Name
Description
Version
PCA9674BS
9674
HVQFN16
plastic thermal enhanced very thin quad flat package; no leads;
16 terminals; body 3
× 3 × 0.85 mm
SOT758-1
PCA9674ABS
674A
PCA9674D
PCA9674D
SO16
plastic small outline package; 16 leads; body width 7.5 mm
SOT162-1
PCA9674AD
PCA9674AD
PCA9674N
PCA9674N
DIP16
plastic dual in-line package; 16 leads (300 mil); long body
SOT38-1
PCA9674AN
PCA9674AN
PCA9674PW
PCA9674
TSSOP16
plastic thin shrink small outline package; 16 leads;
body width 4.4 mm
SOT403-1
PCA9674APW
PA9674A
PCA9674TS
PCA9674
SSOP20
plastic shrink small outline package; 20 leads;
body width 4.4 mm
SOT266-1
PCA9674ATS
PCA9674A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com