Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD55035-E Datasheet(PDF) 10 Page - STMicroelectronics

Part # PD55035-E
Description  RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55035-E Datasheet(HTML) 10 Page - STMicroelectronics

Back Button PD55035-E Datasheet HTML 6Page - STMicroelectronics PD55035-E Datasheet HTML 7Page - STMicroelectronics PD55035-E Datasheet HTML 8Page - STMicroelectronics PD55035-E Datasheet HTML 9Page - STMicroelectronics PD55035-E Datasheet HTML 10Page - STMicroelectronics PD55035-E Datasheet HTML 11Page - STMicroelectronics PD55035-E Datasheet HTML 12Page - STMicroelectronics PD55035-E Datasheet HTML 13Page - STMicroelectronics PD55035-E Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Typical performance 175MHz
PD55035-E, PD55035S-E
10/22
6
Typical performance 175MHz
Figure 15.
Output power vs input power
Figure 16.
Power gain vs output power
Figure 17.
Efficiency vs output power
Figure 18.
Input return loss vs output power
0
5
10
15
20
25
30
35
40
45
0
0.2
0.4
0.6
0.8
1
1.2
Pin (W )
Vdd = 12.5 V
Idq = 200 m A
f = 175 MHz
0
5
10
15
20
25
010
20
30
40
50
Pout (W )
Vdd = 12.5 V
Idq = 200 m A
f = 175 MHz
0
10
20
30
40
50
60
70
80
0
1020
30
4050
Pout (W )
Vdd = 12.5 V
Idq = 200 m A
f = 175 MHz
-25
-20
-15
-10
-5
0
010
20
30
40
50
Pout (W )
Vdd = 12.5 V
Idq = 200 m A
f = 175 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com