Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD55035S-E Datasheet(PDF) 4 Page - STMicroelectronics

Part # PD55035S-E
Description  RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55035S-E Datasheet(HTML) 4 Page - STMicroelectronics

  PD55035S-E Datasheet HTML 1Page - STMicroelectronics PD55035S-E Datasheet HTML 2Page - STMicroelectronics PD55035S-E Datasheet HTML 3Page - STMicroelectronics PD55035S-E Datasheet HTML 4Page - STMicroelectronics PD55035S-E Datasheet HTML 5Page - STMicroelectronics PD55035S-E Datasheet HTML 6Page - STMicroelectronics PD55035S-E Datasheet HTML 7Page - STMicroelectronics PD55035S-E Datasheet HTML 8Page - STMicroelectronics PD55035S-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Electrical Characteristics
PD55035-E, PD55035S-E
4/22
2
Electrical Characteristics
TCASE = +25
oC
2.1
Static
2.2
Dynamic
Table 3.
Static
Symbol
Test conditions
Min.
Typ.
Max.
Unit
IDSS
VGS = 0V
VDS = 28V
1
µA
IGSS
VGS = 20V
VDS = 0V
1
µA
VGS(Q)
VDS = 28V
ID = 100mA
2.0
5.0
V
VDS(ON)
VGS = 10V
ID = 3A
0.8
0.95
V
GFS
VDS = 10V
ID = 3A
2.5
mho
CISS
VGS = 0V
VDS = 12.5V
f = 1MHz
92
pF
COSS
VGS = 0V
VDS = 12.5V
f = 1MHz
73
pF
CRSS
VGS = 0V
VDS = 12.5V
f = 1MHz
6.1
pF
Table 4.
Dynamic
Symbol
Test conditions
Min.
Typ.
Max.
Unit
POUT
VDD = 12.5V, IDQ = 200mA
f = 500MHz
35
W
GP
VDD = 12.5V, IDQ = 200mA, POUT = 35W, f = 500MHz
13
16.9
dB
nD
VDD = 12.5V, IDQ = 200mA, POUT = 35W, f = 500MHz
62
%
Load
mismatch
VDD = 15.5V, IDQ = 200mA, POUT = 35W, f = 500MHz
All phase angles
20:1
VSWR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com