Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD57030TR-E Datasheet(PDF) 9 Page - STMicroelectronics

Part # PD57030TR-E
Description  RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD57030TR-E Datasheet(HTML) 9 Page - STMicroelectronics

Back Button PD57030TR-E Datasheet HTML 5Page - STMicroelectronics PD57030TR-E Datasheet HTML 6Page - STMicroelectronics PD57030TR-E Datasheet HTML 7Page - STMicroelectronics PD57030TR-E Datasheet HTML 8Page - STMicroelectronics PD57030TR-E Datasheet HTML 9Page - STMicroelectronics PD57030TR-E Datasheet HTML 10Page - STMicroelectronics PD57030TR-E Datasheet HTML 11Page - STMicroelectronics PD57030TR-E Datasheet HTML 12Page - STMicroelectronics PD57030TR-E Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
PD57030-E, PD57030S-E
Typical performance
9/18
Figure 13.
Output power vs
gate-source voltage
0
1
23
45
Vgs (V)
0
10
20
30
40
Pout (W)
Pin = 29.1dBm
Vdd = 28V
960 MHz
925 MHz
945 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com