Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD85551 Datasheet(PDF) 1 Page - Analog Devices

Part # AD85551
Description  10 MHz, 20 V/關s, G = 1, 10, 100, 1000 i CMOS짰 Programmable Gain Instrumentation Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD85551 Datasheet(HTML) 1 Page - Analog Devices

  AD85551 Datasheet HTML 1Page - Analog Devices AD85551 Datasheet HTML 2Page - Analog Devices AD85551 Datasheet HTML 3Page - Analog Devices AD85551 Datasheet HTML 4Page - Analog Devices AD85551 Datasheet HTML 5Page - Analog Devices AD85551 Datasheet HTML 6Page - Analog Devices AD85551 Datasheet HTML 7Page - Analog Devices AD85551 Datasheet HTML 8Page - Analog Devices AD85551 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
10 MHz, 20 V/μs, G = 1, 10, 100, 1000 i CMOS®
Programmable Gain Instrumentation Amplifier
Preliminary Technical Data
AD8253
Rev. prA
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
Small package: 10-lead MSOP
Programmable gains: 1, 10, 100, 1000
Digital or pin-programmable gain setting
Wide supply: ±5 V to ±15 V
Excellent dc performance
High CMRR 120 dB , G = 100
Low gain drift: 10 ppm/°C
Low offset drift: 1.2 μV/°C , G = 1000
Excellent ac performance
Fast settling time: 615 ns to 0.001%
High slew rate: 20 V/μs
Low distortion:
High CMRR over frequency: 80 dB to 50 kHz
Low noise: 8 nV/√Hz, G = 1000
Low power: 4 mA
APPLICATIONS
Data acquisition
Biomedical analysis
Test and measurement
GENERAL DESCRIPTION
The AD8253 is an instrumentation amplifier with digitally
programmable gains that has GΩ input impedance, low output
noise, and low distortion making it suitable for interfacing with
sensors and driving high sample rate analog-to-digital converters
(ADCs). It has high bandwidth of 10 MHz, low THD and fast
settling time of 615 ns to 0.001%. Offset drift and gain drift are
specified to 1.2 μV/°C and 10 ppm/°C, respectively for G = 1000.
In addition to its wide input common voltage range, it boasts a
high common-mode rejection of 80 dB at G = 1 from dc to
50 kHz. The combination of precision dc performance coupled
with high speed capabilities make the AD8253 an excellent
candidate for data acquisition. Furthermore, this monolithic
solution simplifies design and manufacturing, and boosts
performance of instrumentation by maintaining a tight match
of internal resistors and amplifiers.
The AD8253 user interface consists of a parallel port that allows
users to set the gain in one of two different ways (see Figure 1
for the functional block diagram). A 2-bit word sent via a bus
can be latched using the WR input. An alternative is to use
transparent gain mode where the state of logic levels at the gain
port determines the gain.
FUNCTIONAL BLOCK DIAGRAM
A1
A0
DGD
WR
Logic
AD8253
OUT
+VS
-VS
REF
+IN
-IN
Figure 1.
Table 1. Instrumentation and Difference Amplifiers by
Category
High
Performance
Low
Cost
High
Voltage
Mil
Grade
Low
Power
Digital
Gain
AD82201
AD6231
AD628
AD620
AD6271
AD82311
AD8221
AD85531
AD629
AD621
AD8250
AD8222
AD524
AD8251
AD82241
AD526
AD85551
AD624
AD85561
AD85571
1 Rail-to-rail output.
The AD8253 is available in a 10-lead MSOP package and is
specified over the −40°C to +85°C temperature range, making it
an excellent solution for applications where size and packing
density are important considerations.


Similar Part No. - AD85551

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8555 AD-AD8555 Datasheet
503Kb / 28P
Zero-Drift, Digitally Programmable Sensor Signal Amplifier
4/04-Revision 0
AD8555 AD-AD8555 Datasheet
595Kb / 24P
Precision, Dual-Channel Instrumentation Amplifier
7/06-Revision 0
AD8555 AD-AD8555 Datasheet
725Kb / 24P
Zero Drift, Digitally Programmable Instrumentation Amplifier
Rev. E
AD8555 AD-AD8555 Datasheet
696Kb / 29P
Zero-Drift, Digitally Programmable Sensor Signal Amplifier
Rev. B
AD8555ACP-R2 AD-AD8555ACP-R2 Datasheet
503Kb / 28P
Zero-Drift, Digitally Programmable Sensor Signal Amplifier
4/04-Revision 0
More results

Similar Description - AD85551

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA141 BURR-BROWN-INA141 Datasheet
190Kb / 10P
Precision, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
INA2141 BURR-BROWN-INA2141 Datasheet
243Kb / 10P
Dual, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8251 AD-AD8251_07 Datasheet
640Kb / 24P
10 MHz, 20 V/關s, G = 1, 2, 4, 8 i CMOS짰 Programmable Gain Instrumentation Amplifier
REV. 0
AD8253 AD-AD8253_08 Datasheet
584Kb / 24P
10 MHz, 20 V/關s, G = 1, 10, 100, 1000 iCMOS Programmable Gain Instrumentation Amplifier
REV. 0
AD8250ARMZ-R7 AD-AD8250ARMZ-R7 Datasheet
835Kb / 24P
10 MHz, 20 V/關s, G = 1, 2, 5, 10 iCMOS Programmable Gain Instrumentation Amplifier
REV. C
logo
Texas Instruments
INA141U2K5 TI1-INA141U2K5 Datasheet
339Kb / 14P
Precision, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
INA141 TI1-INA141 Datasheet
333Kb / 14P
Precision, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8250 AD-AD8250_16 Datasheet
932Kb / 25P
10 MHz, 20 V/關s, G = 1, 2, 5, 10 iCMOS Programmable Gain Instrumentation Amplifier
Rev. C
AD8251 AD-AD8251_16 Datasheet
725Kb / 25P
10 MHz, 20 V/關s, G = 1, 2, 4, 8 iCMOS Programmable Gain Instrumentation Amplifier
REV. B
AD8253 AD-AD8253_16 Datasheet
527Kb / 25P
10 MHz, 20 V/關s, G = 1, 10, 100, 1000 iCMOS Programmable Gain Instrumentation Amplifier
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com