Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2132 Datasheet(PDF) 30 Page - Microchip Technology

Part # MIC2132
Description  75V Dual Phase, Advanced COT Buck Controller, Stackable for Multiphase Operation
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2132 Datasheet(HTML) 30 Page - Microchip Technology

Back Button MIC2132 Datasheet HTML 26Page - Microchip Technology MIC2132 Datasheet HTML 27Page - Microchip Technology MIC2132 Datasheet HTML 28Page - Microchip Technology MIC2132 Datasheet HTML 29Page - Microchip Technology MIC2132 Datasheet HTML 30Page - Microchip Technology MIC2132 Datasheet HTML 31Page - Microchip Technology MIC2132 Datasheet HTML 32Page - Microchip Technology MIC2132 Datasheet HTML 33Page - Microchip Technology MIC2132 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
MIC2132
DS20006654B-page 30
 2022 Microchip Technology Inc. and its subsidiaries
5.0
APPLICATION INFORMATION
5.1
Inductor Selection
Certain values for inductance, peak and RMS currents
are required to select the output inductor. The input and
output voltages, as well as the inductance value,
determine the peak-to-peak inductor ripple current.
Generally, higher inductance values are used with
higher input voltages. Larger peak-to-peak ripple
currents increase the power dissipation in the inductor
and MOSFETs. Larger output ripple currents also
require more output capacitance to smooth out the
larger ripple current. Smaller peak-to-peak ripple cur-
rents require a larger inductance value, and therefore,
a larger and more expensive inductor. Higher switching
frequencies allow the use of a small inductance, but
increase power dissipation in the inductor core and
MOSFET switching loss. A good compromise between
size, loss and cost is to set the inductor ripple current
to be equal to 20% of the maximum DC output current
contributed per phase. The inductance value of the
inductor in each phase channel is calculated by
Equation 5-1:
EQUATION 5-1:
The peak-to-peak inductor current ripple in each phase is:
EQUATION 5-2:
The peak inductor current per phase is equal to the
maximum average output current per phase, plus one
half of the peak-to-peak inductor current ripple, as
given in Equation 5-3.
EQUATION 5-3:
The RMS inductor current in each phase is used to
calculate the I2R losses in the inductor per phase.
EQUATION 5-4:
Maximizing efficiency requires selecting the proper core
material and minimizing the winding resistance. The
high-frequency operation of the MIC2132 requires the
use of ferrite materials for all but the most cost-sensitive
applications. Lower cost iron powder cores may be
used, but the increase in core loss reduces the efficiency
of the buck converter. This is especially noticeable at low
output power. The winding resistance decreases
efficiency at the higher output current levels. The wind-
ing resistance must be minimized, although this usually
comes at the expense of a larger inductor size. The
power dissipated in the inductor is equal to the sum of
the core and copper losses. At higher output loads, the
core losses are usually insignificant and can be ignored.
At lower output currents, the core losses can be a
significant contributor. Core loss information is usually
available from the magnetics vendor. Copper loss in the
inductor is calculated by Equation 5-5:
EQUATION 5-5:
The resistance of the copper wire, RWINDING, increases
with the temperature. The value of the winding
resistance used must be at the operating temperature
for accurate power dissipation estimation:
EQUATION 5-6:
Where:
fSW = Switching Frequency, 500 kHz
0.2 = Ratio of AC Ripple Current to
Maximum DC Output Current
Contributed per Phase
VIN(MAX) = Maximum Power Stage Input Voltage
NPH = Total Number of Phases
Eff = Efficiency of the Buck Converter
IOUT(MAX) = Maximum DC Output Current
L =
VOUT × (Eff × VIN(MAX) – VOUT) × NPH
Eff × VIN(MAX) × fSW × 0.2 × IOUT(MAX)
IL(PP) =
VOUT × (Eff × VIN(MAX) – VOUT)
Eff × VIN(MAX) × fSW × L
Where:
IOUTPH(MAX) = Maximum Average DC Output Current
Contributed per Phase
IOUT(MAX) = Maximum Output Current
n = Total Number of Phases
IL_PH(PK) = IOUTPH(MAX) + 0.5 × IL(PP)
IOUTPH(MAX) =
IOUT(MAX)
n
IL_PH(RMS) =
IL(PP)2
12
IOUTPH(MAX)2 +
√
PINDUCTOR(Cu) = IL_PH(RMS)2 × RWINDING
Where:
TH = Temperature of Wire Under Full Load
T20°C = Ambient Room Temperature
RWINDING(20°C) = Room Temperature Winding
Resistance (usually specified by the
manufacturer)
RWINDING(HT) = RWINDING(20ºC) × [1 + 0.0042 × (TH – T20ºC)]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com