Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2132YML Datasheet(PDF) 28 Page - Microchip Technology

Part # MIC2132YML
Description  75V Dual Phase, Advanced COT Buck Controller, Stackable for Multiphase Operation
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2132YML Datasheet(HTML) 28 Page - Microchip Technology

Back Button MIC2132YML Datasheet HTML 24Page - Microchip Technology MIC2132YML Datasheet HTML 25Page - Microchip Technology MIC2132YML Datasheet HTML 26Page - Microchip Technology MIC2132YML Datasheet HTML 27Page - Microchip Technology MIC2132YML Datasheet HTML 28Page - Microchip Technology MIC2132YML Datasheet HTML 29Page - Microchip Technology MIC2132YML Datasheet HTML 30Page - Microchip Technology MIC2132YML Datasheet HTML 31Page - Microchip Technology MIC2132YML Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
MIC2132
DS20006654B-page 28
 2022 Microchip Technology Inc. and its subsidiaries
FIGURE 4-17:
Use of an NTC Resistance
to Compensate the RDSON Temperature
Coefficient on the DROOP Pin.
The idea in Figure 4-17 is that increasing DROOP
voltage with temperature at the IOUT(MAX) (positive
temperature coefficient) is compensated by the RNTC
(negative temperature coefficient) to keep the node of
the divider, Div_DROOP_ZeroTC, constant versus
temperature.
The rest of the calculations are similar to the afore-
mentioned case where the sensing current was
temperature-insensitive. In case the AVP is not
necessary, a 10 kΩ, 1 nF series RC filter to ground can
be used to have a reading of the filtered output current.
4.5.10
MULTIPHASING (STACKING)
The MIC2132 can be configured for multiphase
operation of up to eight phases. The MIC2132 has four
pins allocated for multiphasing. The APO pin of the
host controller is connected to the NPI pin of the next
secondary controller. The host and secondary CSH,
ONR pins are connected together. Once the host
finishes the on requests, it passes the control to the
next secondary through the APO pin. The current share
bus will maintain equal current sharing between host
and secondary controllers.
The ONR is a bidirectional pin. The desired secondary
controller’s FBS pin is connected to VDD to program
the controller as secondary. This will make the ONR pin
of the secondary controller become input only. Second-
ary controllers accept ONR from the host controller and
serve the on-time request.
Figure 4-18 shows two MIC2132 devices connected in
a 4-phase configuration. The NPI and APO pins of the
MIC2132 are connected in a daisy-chain to form a
stackable power supply up to eight phases.
FIGURE 4-18:
MIC2132 Connected in
4-Phase Configuration.
In order to get a stricter control over behavior if one
member of the daisy-chain is damaged or going to be
damaged, or is in short or thermal shutdown, several
measures were implemented.
1.
The host is the only one programming the ILIM.
The secondaries are just reading the voltage on
ILIM; as a common point, they do not have any
programming current coming out.
2.
The soft start pin is driven up with 1.2 µA from all
members of the daisy-chain. When any of the
members of the daisy-chain pulls down the SS
pin in case of thermal shutdown, or short circuits
more than seven cycles, a new automatic restart
is triggered on the falling edge of SS. Any of the
daisy-chain members can keep low closed to 0
in the SS pin, and in that case, all members are
in High-Z and wait until SS is released to go up.
To illustrate if one member has the LDO not
coming up, this will keep the SS pin in low.
3.
To ensure that some timing mismatch between
chips is not creating a disorderly start, the delay
in the block, BiasReadyGen, is 3 ms for the host
and 1.5 ms (half) for the secondaries. The 3 ms
and 1.5 ms time frames are the result of the
activity of a local oscillator and counter.
MIC2132
FBS
RFBB1
DROOP
VOUT
RINJ
CINJ
RIP_INJ
GFB
RDROOP
RFBB2
RFBT
CFF
RS
RP
RNTC
Div_DROOP_ZeroTC
RBIAS
MIC2132
Host
CSH
ONR
APO
NPI
FBS
GFB
RIP_INJ
MIC2132
Secondary
CSH
ONR
APO
NPI
FBS
GFB
RIP_INJ
SS
VOUT
VDD
SS
DH1
SW1
DL1
DH2
SW2
DL2
DH1
SW1
DL1
DH2
SW2
DL2
MIC2132 Connected in 4-Phase Configuration
ILIM
ILIM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com