Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MICRF112YMM Datasheet(PDF) 25 Page - Microchip Technology

Part # MICRF112YMM
Description  The MICRF112 is a high-performance, easy-to-use, true “Data-In, RF-Out”, ASK/FSK, Phase-Locked Loop (PLL)- based, transmitter IC for applications in the 300 MHz to 450 MHz frequency range.
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MICRF112YMM Datasheet(HTML) 25 Page - Microchip Technology

Back Button MICRF112YMM Datasheet HTML 21Page - Microchip Technology MICRF112YMM Datasheet HTML 22Page - Microchip Technology MICRF112YMM Datasheet HTML 23Page - Microchip Technology MICRF112YMM Datasheet HTML 24Page - Microchip Technology MICRF112YMM Datasheet HTML 25Page - Microchip Technology MICRF112YMM Datasheet HTML 26Page - Microchip Technology MICRF112YMM Datasheet HTML 27Page - Microchip Technology MICRF112YMM Datasheet HTML 28Page - Microchip Technology MICRF112YMM Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 46 page
background image
MICRF112
Functional Description
Data Sheet
© 2024 Microchip Technology Inc. and its subsidiaries
DS70005554A - 25
Figure 6-2. Reference Oscillator ASK Operation
When the ESR of the crystal is at 20Ω, the crystal parameter limits are:
ESR
20Ω
CPAR
2 to 10 pF
CMO
10 to 40 fF
When the ESR of the crystal is at 300Ω, the crystal parameter limits are:
ESR
300Ω
CPAR
2 to 5 pF
CMO
10 to 40 fF
CLOAD
10 to 30 pF
Crystal Oscillator for FSK Operation
The following figure illustrates the reference oscillator circuit configuration for FSK operation. To
operate the MICRF112 in FSK mode, one additional capacitor is needed between XTLOUT pin and the
XTAL_MOD pin. Crystal parameters for FSK operation are the same as for ASK operation except:
• When the ESR of crystal is at 20Ω, CFSK+ CLOAD must not exceed 70 pF.
• When the ESR of crystal is at 300Ω, CFSK + CLOAD must not exceed 30 pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com