Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSD36C Datasheet(PDF) 3 Page - Texas Instruments

Part # TSD36C
Description  TSDxxC Bidirectional TVS Diodes in SOD-323 Package
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSD36C Datasheet(HTML) 3 Page - Texas Instruments

  TSD36C Datasheet HTML 1Page - Texas Instruments TSD36C Datasheet HTML 2Page - Texas Instruments TSD36C Datasheet HTML 3Page - Texas Instruments TSD36C Datasheet HTML 4Page - Texas Instruments TSD36C Datasheet HTML 5Page - Texas Instruments TSD36C Datasheet HTML 6Page - Texas Instruments TSD36C Datasheet HTML 7Page - Texas Instruments TSD36C Datasheet HTML 8Page - Texas Instruments TSD36C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
4 Pin Configuration and Functions
1
2
ID Area
Figure 4-1. DYF Package, 2-Pin SOD-323 (Top View)
Table 4-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NO.
NAME
1
IO
I/O
Protected Channel. If used as IO, connect pin 2 to ground
2
IO
I/O
Protected Channel. If used as IO, connect pin 1 to ground
(1)
I = input, O = output
5 Specifications
5.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted) (1)
Parameter
DEVICE
MIN
MAX
UNIT
PPP
IEC 61000-4-5 (tp 8/20µs) Peak Pulse
Power at 25°C
TSD05C
400
W
PPP
IEC 61000-4-5 (tp 8/20µs) Peak Pulse
Power at 25°C
TSD12C
390
W
TSD15C
TSD18C
TSD24C
TSD36C
400
W
IPP
IEC 61000-4-5 (tp 8/20µs) Peak Pulse
Current at 25°C
TSD05C
30
A
IPP
IEC 61000-4-5 (tp 8/20µs) Peak Pulse
Current at 25°C
TSD12C
15
A
TSD15C
12
A
TSD18C
TSD24C
9
A
TSD36C
6.5
A
TA
Ambient Operating Temperature
-55
150
°C
Tstg
Storage Temperature
-65
155
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute maximum ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If briefly operating outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not
sustain damage, but it may not be fully functional. Operating the device in this manner may affect device reliability, functionality,
performance, and shorten the device lifetime.
www.ti.com
TSD05C, TSD12C, TSD15C, TSD18C, TSD24C, TSD36C
SLVSH42C – JUNE 2023 – REVISED OCTOBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TSD05C TSD12C TSD15C TSD18C TSD24C TSD36C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com