Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSPNL Datasheet(PDF) 1 Page - Amkor Technology

Part # CSPNL
Description  Wafer Level Packaging
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology

CSPNL Datasheet(HTML) 1 Page - Amkor Technology

  CSPNL Datasheet HTML 1Page - Amkor Technology CSPNL Datasheet HTML 2Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
data sheet
CSPnl™
Features:
Package
Options:
Reliability:
WAFER LEVEL PACKAGING
www.amkor.com
• 4-64 ball count
• 0.8 mm - 4.5 mm body size
• Repassivation, Redistribution and Bumping options available
• Electroplated and Ball-loaded bumping options
• Eutectic, High Lead and Lead-free solder
• Standard JEDEC/EIAJ pitches and CSP solder ball diameters
• Compatible with conventional SMT assembly and test techniques
• Back-side laser mark compatible
• Back-side laminate
• Impressive component and board level reliability
• Cost effective packaging solution for small ICs
• No need for underfill
• Full turnkey bumping, test and TnR support
• Ship to customer in either wafer form or singulated form
Ball Loading:
Pitch
Sphere Diameter
0.40 mm
0.25 mm
0.50 mm
0.30 mm, 0.35 mm
0.65 mm
0.35 mm
0.75 mm
0.50 mm
Package Level:
• Autoclave (PCT)
121°C/100% RH/15 psig, 96 hours
• Temp Cycle
-55°C/+125°C, 500 cycles
• High Temp storage 170°C, 420 hours
Second Level Reliability (BLR):
• HAST
130°C/85%RH/33.5psia/Biased, 96 hours
• HTOL
150°C/Biased, 300 hours
• Temp Cycle -40°C/+125°C, 1000 cycles
• Key Push
100cycles/min, 2.7mm max displacement
• Bend Test
Strain rate 5mm/min, 85mm span
• Drop Test
50cm height
Wafer Level Packaging CSPnl™
Amkor's wafer level packaging service meets the industry's
growing demand for full turnkey assembly and test solu-
tions for CSP (Chip Scale Package) products. Through the
acquisition of Unitive, Amkor has adopted the CSPnl™ as
its standard wafer level package offering. CSPnl™ repre-
sents the next level in wafer level chip scale packaging as
demonstrated by its proven benchmark reliability. Amkor's
CSPnl™ has been widely adopted as the industry standard
for cost effective, reliable, high performance wafer level
CSP applications. By integrating our CSPnl™ packaging
technology with existing die processing and testing servic-
es as well as new die processing technologies developed by
Unitive, Amkor is able to offer a full turnkey solution for
wafer level products.
CSPnl™ is a true wafer level CSP package that can incor-
porate thin film redistribution films to route I/O pads to
JEDEC/EIAJ standard pitches, and thereby, avoiding the
need to redesign legacy parts for CSP applications. It is
available in three options: Direct Bump on Pad (BOP),
Bump on Repassivation/Redistribution and Bump on Thick
Repassivation/Redistribution. The technology used for
CSPnl™ results in robust packages that do not require
underfill in their applications. CSPnl™ is designed to uti-
lize industry-standard surface mount assembly and reflow
techniques. By using conventional SMT placement equip-
ment and avoiding the need for underfill, the end-user
experiences many of the cost benefits associated with other
JEDEC standard area array packages.
Amkor's wafer bumping and test offering is an excellent
complement to other Amkor product lines. Through an
integrated die processing service, Amkor is able to provide
full turnkey wafer bumping, test, die singulation, and tape
& reel support for wafer level packaging applications. In
addition, Amkor is able to integrate its wafer bumping
products into high performance packaging options, such as
Flip Chip CSP (fcCSP) and System in Package (SiP). Amkor
truly provides one-stop, hassle-free support for wafer
bumping, packaging, and test solutions, enabling you to
meet your cost and time-to-market objectives.
DS720A
Rev Date: 12’05
VISIT AMKOR TECHNOLOGY ONLINE FOR LOCATIONS AND
TO VIEW THE MOST CURRENT PRODUCT INFORMATION
.
Applications:
Amkor's CSPnl™ is ideal for portable communications and related appli-
cations that require a low cost packaging solution with small form fac-
tor and improved signal propagation characteristics. EEPROM, flash,
DRAM, integrated passive networks, and standard analog devices are all
technologies that benefit from the CSPnl™ package attributes. End
products include mobile phones, PDAs, laptop PCs, disk drives, digital
cameras, MP3 players, GPS navigation devices, and other portable prod-
ucts.


Similar Part No. - CSPNL

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
CSP RALTRON-CSP Datasheet
55Kb / 3P
CLOCK OSCILLATOR, PECL, 3.3 VDC or 2.5VDC
logo
M-System Co.,Ltd.
CSP MSYSTEM-CSP Datasheet
110Kb / 4P
Final Control Elements
logo
Molex Electronics Ltd.
CSP-00021-01 MOLEX-CSP-00021-01 Datasheet
260Kb / 1P
PowerCat 6™ - UTP The Cat 6 Solution
CSP-00021-02 MOLEX-CSP-00021-02 Datasheet
260Kb / 1P
PowerCat 6™ - UTP The Cat 6 Solution
CSP-00021-04 MOLEX-CSP-00021-04 Datasheet
260Kb / 1P
PowerCat 6™ - UTP The Cat 6 Solution
More results

Similar Description - CSPNL

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
WLP200 CALMIRCO-WLP200 Datasheet
80Kb / 6P
WAFER LEVEL PACKAGE EVALUATION RC FILTER NETWORK
logo
Micrel Semiconductor
MIC5388 MICREL-MIC5388 Datasheet
582Kb / 12P
Dual 200mA Peak LDO in Wafer Level Chip Scale Package
logo
Adam Technologies, Inc.
15SH-A-XX-TR-SMT ADAM-TECH-15SH-A-XX-TR-SMT Datasheet
83Kb / 1P
WAFER SMT
15SH-A-XX-TR-SMT-TR ADAM-TECH-15SH-A-XX-TR-SMT-TR Datasheet
82Kb / 1P
WAFER SMT
logo
Molex Electronics Ltd.
0690080350 MOLEX11-0690080350 Datasheet
36Kb / 1P
Wafer Cutter
logo
Amkor Technology
WLCSP AMKOR-WLCSP Datasheet
474Kb / 2P
Wafer Level Processing and Die Processing Services
logo
Broadcom Corporation.
VMMK-2503 BOARDCOM-VMMK-2503 Datasheet
840Kb / 11P
1 to 12 GHz GaAs Wideband Amplifier in Wafer Level Package
logo
Generalplus Technology ...
GPY0130A GENERALPLUS-GPY0130A Datasheet
770Kb / 26P
Monolithic and Wafer Level Packaged Three Axis Accelerometer
logo
MEMSIC Semiconductor (T...
MXC400XXC MEMSIC-MXC400XXC Datasheet
418Kb / 13P
Monolithic and Wafer Level Packaged Three-Axis Accelerometer
Rev.B
MXC488XXC MEMSIC-MXC488XXC Datasheet
508Kb / 13P
Monolithic and Wafer Level Packaged Three-Axis Accelerometer
Rev.B (3/8/2018)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com