Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3HDMI412AD Datasheet(PDF) 8 Page - Pericom Semiconductor Corporation

Part # PI3HDMI412AD
Description  1:2 Active HDMI Rev. 1.3 Compatible DeMux with Advanced Re-Driver Functionality for Enhanced Signal Integrity
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3HDMI412AD Datasheet(HTML) 8 Page - Pericom Semiconductor Corporation

Back Button PI3HDMI412AD Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3HDMI412AD Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3HDMI412AD Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3HDMI412AD Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3HDMI412AD Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3HDMI412AD Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3HDMI412AD Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3HDMI412AD Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3HDMI412AD Datasheet HTML 10Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
PS8842E
01/18/07
PI3HDMI412AD
1:2 Active HDMI Rev. 1.3 Compatible DeMux with
Advanced Re-Driver Functionality for Enhanced Signal Integrity
GPU
Docking Station
Laptop
TMDS
TMDS
DISPLAY : Projector or Monitor
DISPLAY : Projector or Monitor
8
8
DVI/HDMI
PI3HDMI412AD
Application Information (Please see application note for important design information.)
DVI TP2 (Tx) Compliance Test Setup
Agilent 54855A
Oscilloscope
DVI ouput port P2
DVI input port P1
Recovered Clock
18˝ SMA cable
12˝ SMA cable
1˝ trace
1˝ trace
DVI data2
Agilent N4902B
pattern generator
data +
–
clock
DVI data 2
Agilent 1134A
differential probe
DVI data2
TP2
10˝ trace
DVI output port P3
50ohm
Termination to
3.3V
PI3HDMI1412AD
PI3DBV40A
PI3HDMI412AD DEMO BOARD
07-0013



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com