Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM5261 Datasheet(PDF) 9 Page - PMC-Sierra, Inc

Part # RM5261
Description  RM5261??Microprocessor with 64-Bit System Bus Data Sheet Released
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

RM5261 Datasheet(HTML) 9 Page - PMC-Sierra, Inc

Back Button RM5261 Datasheet HTML 5Page - PMC-Sierra, Inc RM5261 Datasheet HTML 6Page - PMC-Sierra, Inc RM5261 Datasheet HTML 7Page - PMC-Sierra, Inc RM5261 Datasheet HTML 8Page - PMC-Sierra, Inc RM5261 Datasheet HTML 9Page - PMC-Sierra, Inc RM5261 Datasheet HTML 10Page - PMC-Sierra, Inc RM5261 Datasheet HTML 11Page - PMC-Sierra, Inc RM5261 Datasheet HTML 12Page - PMC-Sierra, Inc RM5261 Datasheet HTML 13Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
Proprietary and Confidential to PMC-Sierra, Inc and for its Customer’s Internal Use
9
Document ID: PMC-2002241, Issue 1
RM5261™ Microprocessor with 64-Bit System Bus Data Sheet
Released
1
Features
•
Dual Issue superscalar microprocessor
•
200, 250, 266 MHz operating frequencies
•
320 Dhrystone 2.1 MIPS
•
High-performance system interface
•
64-bit multiplexed system address/data bus for optimum price/performance
•
High-performance write protocols maximize uncached write bandwidth
•
Processor clock multipliers 2, 2.5, 3, 3.5, 4, 4.5, 5, 6, 7, 8, 9
•
IEEE 1149.1 JTAG boundary scan
•
Integrated on-chip caches
•
32KB instruction and 32KB data — 2 way set associative
•
Virtually indexed, physically tagged
•
Write-back and write-through on a per page basis
•
Pipeline restart on first doubleword for data cache misses
•
Integrated memory management unit
•
Fully associative joint TLB (shared by I and D translations)
•
48 dual entries map 96 pages
•
Variable page size (4 KB to 16 MB in 4x increments)
•
High-performance floating-point unit: up to 530 MFLOPS
•
Single cycle repeat rate for common single-precision operations and some double-pre-
cision operations
•
Two cycle repeat rate for double-precision multiply and double precision combined
multiply-add operations
•
Single cycle repeat rate for single-precision combined multiply-add operation
•
MIPS IV instruction set
•
Floating point multiply-add instruction increases performance in signal processing
and graphics applications
•
Conditional moves to reduce branch frequency
•
Index address modes (register + register)
•
Embedded application enhancements
•
Specialized DSP integer Multiply-Accumulate instructions and 3-operand multiply
instruction
•
I and D cache locking by set
•
Optional dedicated exception vector for interrupts
•
Fully static 0.25 micron CMOS design with power down logic
•
Standby reduced power mode with WAIT instruction
•
2.5 V core with 3.3 V IOs
•
208-pin PQFP package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com