Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOZ1016AI Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOZ1016AI
Description  EZBuck??2A Simple Buck Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1016AI Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOZ1016AI Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ1016AI Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ1016AI Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ1016AI Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ1016AI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ1016AI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1016AI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1016AI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1016AI Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
AOZ1016
Rev. 1.1 September 2007
www.aosmd.com
Page 2 of 15
Ordering Information
All AOS Products are offering in packaging with Pb-free plating and compliant to RoHS standards.
Please visit wwww.aosmd.com/web/rohs_compliant.jsp for additional information.
Pin Configuration
Pin Description
Part Number
Ambient Temperature Range
Package
Environmental
AOZ1016AI
-40°C to +85°C
SO-8
RoHS
LX
LX
EN
COMP
1
2
3
4
PGND
VIN
AGND
FB
SO-8
(Top View)
8
7
6
5
Pin Number
Pin Name
Pin Function
1
PGND
Power ground. Electrically needs to be connected to AGND.
2VIN
Supply voltage input. When VIN rises above the UVLO threshold the device starts up.
3AGND
Reference connection for controller section. Also used as thermal connection for controller
section. Electrically needs to be connected to PGND.
4FB
The FB pin is used to determine the output voltage via a resistor divider between the output
and GND.
5
COMP
External loop compensation pin.
6EN
The enable pin is active HIGH. Connect EN pin to VIN if not used. Do not leave the EN pin
floating.
7, 8
LX
PWM output connection to inductor. Thermal connection for output stage.
RoHS
Compliant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com