Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABS2UTR Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # ABS2UTR
Description  SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGERECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

ABS2UTR Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  ABS2UTR Datasheet HTML 1Page - SMC Diode Solutions Co. LTD ABS2UTR Datasheet HTML 2Page - SMC Diode Solutions Co. LTD ABS2UTR Datasheet HTML 3Page - SMC Diode Solutions Co. LTD ABS2UTR Datasheet HTML 4Page - SMC Diode Solutions Co. LTD ABS2UTR Datasheet HTML 5Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Technical Data
Data Sheet N1812, Rev. A
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
ABS2U
THRU
ABS10U
ABS2U THRU ABS10U
SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Single Phase half wave 60Hz, resistive or inductive load. For capacitive load current derate by 20%.
Type Number
Symbol
ABS2U
ABS4U
ABS6U
ABS8U
ABS10U
Units
ABS2U-HF THRU ABS10U-HF Marking Code
ABS2UH ABS4UH ABS6UH ABS8UH ABS10UH
Units
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VDC
200
400
600
800
1000
V
RMS Reverse Voltage
VRMS
140
280
420
560
700
V
Maximum Average Rectified Output Current
@TA =30°C
I(AV)
1
V
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on rated
load (JEDEC Method)
IFSM
35
A
Features
Circuit Diagram
Mechanical Data
Maximum Ratings and Electrical Characteristics @TA=25°C unless otherwise specified
Case: SOPA-4, Molded plastic ABS
Terminals: Plated leads solderable per MIL-STD-202,
Method 208
Polarity: as marked on case
Mounting Position: Any
Glass passivated die construction
Low forward voltage drop
High current capability
High surge current capability
Designed for surface mount application
Plastic material-UL flammability 94V-0
This is a Pb − Free Device
“-HF” suffix is for Halogen Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request
ABS


Similar Part No. - ABS2UTR

ManufacturerPart #DatasheetDescription
logo
SMC Diode Solutions Co....
ABS2UTR SMCDIODE-ABS2UTR Datasheet
353Kb / 5P
SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGERECTIFIER
ABS2UTR SMCDIODE-ABS2UTR Datasheet
353Kb / 5P
SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGERECTIFIER
ABS2UTR SMCDIODE-ABS2UTR Datasheet
353Kb / 5P
SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGERECTIFIER
ABS2UTR SMCDIODE-ABS2UTR Datasheet
353Kb / 5P
SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGERECTIFIER
More results

Similar Description - ABS2UTR

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
A1-A7 DYELEC-A1-A7 Datasheet
1Mb / 2P
SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED RECTIFIER
A1N DYELEC-A1N Datasheet
2Mb / 2P
SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED RECTIFIER
A1U DYELEC-A1U Datasheet
1Mb / 2P
SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED RECTIFIER
MB1SU DYELEC-MB1SU Datasheet
1Mb / 2P
SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
MB05MU DYELEC-MB05MU Datasheet
1,001Kb / 2P
SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DB101 DYELEC-DB101 Datasheet
1Mb / 2P
SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
UDB101 DYELEC-UDB101 Datasheet
1Mb / 2P
SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
EDB101S DYELEC-EDB101S Datasheet
1Mb / 2P
SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
UDB101 DYELEC-UDB101_17 Datasheet
3Mb / 3P
SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
UDB101S DYELEC-UDB101S_17 Datasheet
2Mb / 3P
SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com