Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MW-REF-M50 Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # MW-REF-M50
Description  Radar corner reflector
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

MW-REF-M50 Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  MW-REF-M50 Datasheet HTML 1Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Radar corner reflector
MW-REF-M50
< Metal reflector to amplify the reflection signal
< Increasing the reflective properties of objects with low radar cross
section
< Robust and weahterproof design
< Simple and fast mounting
Radar corner reflector, triangular 72.1 x 63.2 x 83.4 mm, with 2 mounting holes
Dimensions
48.6
25
ø 6.2 (2x)
83.4
Technical Data
General specifications
Suitable components
industrial radar sensors
Ambient conditions
Ambient temperature
-40 ... 85 °C (-40 ... 185 °F)
Storage temperature
-40 ... 85 °C (-40 ... 185 °F)
Mechanical specifications
Material
steel DC01, galvanized (electro-zink plated)
Mass
90 g
Mounting
mounting holes , Diameter: 6.2 mm
1
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com


Similar Part No. - MW-REF-M50

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
MW-REF-M100 PF-MW-REF-M100 Datasheet
847Kb / 1P
Radar corner reflector
2023-12-06
More results

Similar Description - MW-REF-M50

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-03-RSGHBHC-B06-1T(GH) EVERLIGHT-67-03-RSGHBHC-B06-1T(GH) Datasheet
444Kb / 13P
REFLECTOR
67-03-RSGHBHC-B06-1T(RS) EVERLIGHT-67-03-RSGHBHC-B06-1T(RS) Datasheet
444Kb / 13P
REFLECTOR
67-03-RSGHBHC-B06-1T EVERLIGHT-67-03-RSGHBHC-B06-1T Datasheet
444Kb / 13P
REFLECTOR
67-21-GBC-YV2W2N-2T EVERLIGHT-67-21-GBC-YV2W2N-2T Datasheet
256Kb / 9P
REFLECTOR
EAPL2214BA1 EVERLIGHT-EAPL2214BA1 Datasheet
471Kb / 9P
REFLECTOR
EAPL3527RGBA0 EVERLIGHT-EAPL3527RGBA0 Datasheet
385Kb / 13P
REFLECTOR
EAPL3527RGBA4 EVERLIGHT-EAPL3527RGBA4 Datasheet
452Kb / 15P
REFLECTOR
EAPL3527WA5 EVERLIGHT-EAPL3527WA5 Datasheet
452Kb / 10P
REFLECTOR
EAPL3527WA6 EVERLIGHT-EAPL3527WA6 Datasheet
449Kb / 10P
REFLECTOR
EAPL4040WA0-AM EVERLIGHT-EAPL4040WA0-AM Datasheet
301Kb / 10P
REFLECTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com