Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C48535-11LE Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI6C48535-11LE
Description  3.3V Low Skew 1-to-4 Crystal/LVCMOS to LVPECL Fanout Buffer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C48535-11LE Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI6C48535-11LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C48535-11LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C48535-11LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C48535-11LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C48535-11LE Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PI6C48535-11
3.3V Low Skew 1-to-4
Crystal/LVCMOS to LVPECL Fanout Buffer
2
PS9738
05/27/04
Pin Description
Name
Pin #
Type
Description
VEE
1
P
Connect to Negative power supply
CLK_EN
2
I_PU
Synchronizing clock enable. When high, clock outputs follow clock input. When low, Qx
outputs are forced low, nQx outputs are forced high. LVCMOS/LVTTL level with 50KΩ
pull up.
CLK_SEL
3
I_PD
Clock select input. When high, selects CLK1 input. When low, selects CLK0 input.
LVCMOS/LVTTL level with 50KΩ pull down.
CLK
4
I_PD
LVCMOS / LVTTL clock input
Xtal1,
Xtal2
6, 7
Crystal input and output
NC
5, 8, 9
No internal connection.
VCC
10, 13,
18
P
Connect to 3.3V
Q3, nQ3
11, 12
O
Differential output pair, LVPECL interface level.
Q2, nQ2
14, 15
O
Differential output pair, LVPECL interface level.
Q1, nQ1
16, 17
O
Differential output pair, LVPECL interface level.
Q0, nQ0
19, 20
O
Differential output pair, LVPECL interface level.
Notes:
1. I = Input, O = Output, P = Power supply connection, I_PD = Input with pull down, I_PU = Input with pull up
Pin Characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
CIN
Input Capacitance
4
pF
R_pullup
Input Pullup Resistance
50
KΩ
R_pulldown
Input Pulldown Resistance
50
KΩ
Control Input Function Table
Inputs
Outputs
CLK_EN
CLK_SEL
Selected Source
Q0:Q3
nQ0:nQ3
0
0
CLK
Diasbled: Low
Diasbled: High
0
1
Xtal1, Xtal2
Disabled: Low
Disabled: High
1
0
CLK
Enabled
Enabled
1
1
Xtal1, Xtal2
Enabled
Enabled
Notes:
1. After CLK_EN switches, the clock outputs are disabled or enabled following a rising and falling input clock edge as show below.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com