Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI74AVC16244 Datasheet(PDF) 11 Page - Pericom Semiconductor Corporation

Part # PI74AVC16244
Description  2.5V 16-Bit Buffer Driver with 3-State Outputs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74AVC16244 Datasheet(HTML) 11 Page - Pericom Semiconductor Corporation

Back Button PI74AVC16244 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74AVC16244 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74AVC16244 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74AVC16244 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74AVC16244 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74AVC16244 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI74AVC16244 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI74AVC16244 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI74AVC16244 Datasheet HTML 11Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
PI74AVC+16244
2.5V 16-Bit Buffer Driver
with 3-State Outputs
11
PS8507B
05/31/06
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
OrderingInformation
Notes:
• Thermal characteristics can be found on the company web site at www.pericom.com/packaging/
• E = Pb-free & Green
• Adding an X suffix = Tape/Reel
e
d
o
C
g
n
i
r
e
d
r
Oe
p
y
T
e
g
a
k
c
a
Pn
o
i
t
p
i
r
c
s
e
D
e
g
a
k
c
a
P
A
4
4
2
6
1
+
C
V
A
4
7
I
PA
P
O
S
S
T
c
it
s
a
l
p
e
d
i
w
li
m
-
0
4
2
,
n
i
p
-
8
4
E
A
4
4
2
6
1
+
C
V
A
4
7
I
PA
P
O
S
S
T
c
it
s
a
l
p
e
d
i
w
li
m
-
0
4
2
,
n
i
p
-
8
4
,
n
e
e
r
G
&
e
e
r
f
-
b
P
K
4
4
2
6
1
+
C
V
A
4
7
I
PK
P
O
S
V
T
c
it
s
a
l
p
e
d
i
w
li
m
-
3
7
1
,
n
i
p
-
8
4
E
K
4
4
2
6
1
+
C
V
A
4
7
I
PK
P
O
S
V
T
c
it
s
a
l
p
e
d
i
w
li
m
-
3
7
1
,
n
i
p
-
8
4
,
n
e
e
r
G
&
e
e
r
f
-
b
P
Pericom Semiconductor Corporation • 1-800-435-2336 • www.pericom.com
06-0164



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com