Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD77020 Datasheet(PDF) 8 Page - Microchip Technology

Part # PD77020
Description  PoE PSE Power Management Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD77020 Datasheet(HTML) 8 Page - Microchip Technology

Back Button PD77020 Datasheet HTML 4Page - Microchip Technology PD77020 Datasheet HTML 5Page - Microchip Technology PD77020 Datasheet HTML 6Page - Microchip Technology PD77020 Datasheet HTML 7Page - Microchip Technology PD77020 Datasheet HTML 8Page - Microchip Technology PD77020 Datasheet HTML 9Page - Microchip Technology PD77020 Datasheet HTML 10Page - Microchip Technology PD77020 Datasheet HTML 11Page - Microchip Technology PD77020 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
PD77020
Pins
Data Sheet
© 2023 Microchip Technology Inc. and its subsidiaries
DS60001824A - 8
3.2
Pin Descriptions
The following table lists the functional pin descriptions of the PD77020 device.
Table 3-1. PD77020 Pin Descriptions
PD77020
Designation
Type
Description
1
I2C_OUT_SDA
IN/OUT
I2C bidirectional data to PD77728 devices
It is required to add a 2 KΩ pull-up resistor.
2
I2C_OUT_SCL
OUT
I2C SCL signal to PD77728 devices
It is required to add a 2 KΩ pull-up resistor.
3
xRESET_OUT
OUT
Reset output (active low) to PD77728 devices
4
xINT_N
IN
An open-drain interrupt input from the common INT_OUT_N
output from all PD77728 devices
This pin is active low. Connect a pull-up resistor to VDD.
5
RESERVED
Unused, leave floating
6
RESERVED
Unused, leave floating
7
OSS_OUT
OUT
DATA output for OSS signaling to the PD77728 device
8
RESERVED
Unused, leave floating
9
VDDA
Supply
Main supply 3.3V
10
VSSA
GND
Ground
11
I2C_ADDR_MEAS
Analog_IN
Analog input to determine the I2C address
See Figure 3-2 and Table 3-2 for details.
12
LED_SCK
OUT
LED stream Clock out
13
xLED_SS
OUT
LED stream Client-Select (active low)
14
LED_DO
OUT
LED stream Data out
15
xLED_OE
OUT
LED stream Output Enable (active low)
16
RESERVED
Unused, leave floating
17
PG1
IN
Power Good input 1
18
PG2
IN
Power Good input 2
19
PG3
IN
Power Good input 3
20
PG4
IN
Power Good input 4
21
I2C_IN_SDA
IN/OUT
I2C bidirectional data
15-byte protocol messages are transmitted on this line. Pull-
up required, see AN4896 for details.
22
I2C_IN_SCL
IN
I2C clock from the host master
Speed is limited to 400 KHz. Pull-up required.
23
xSys_OK
OUT
System validity indication
The behavior of this output is controlled by individual
software mask (active low). This pin is a push-pull output.
24
xDISABLE_PORTS
IN
Disable all PoE ports. When this input is asserted low, the
controller shuts down all PoE ports in the system. See
AN4896 for pin connection requirements (active low).
25
xINT_OUT
OUT
Interrupt output indication
This line is asserted low when a pre-configured event is in
progress (active low). This pin is an open-drain output with
internal pull up.
26
xRESET_IN
IN
Host Reset input (active low)
27
xI2C_MESSAGE_READY
OUT
I2C message ready indication to the host
This signal is LOW when a message is ready to be read. I2C
read cycle must be invoked only if this signal is low. After
reading the message, the pin is set high again, until next
message is ready.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com