Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

161.025 Datasheet(PDF) 1 Page - France Joint

Part # 161.025
Description  ROD SEALS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRANCEJOINT [France Joint]
Direct Link  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

161.025 Datasheet(HTML) 1 Page - France Joint

  161.025 Datasheet HTML 1Page - France Joint 161.025 Datasheet HTML 2Page - France Joint 161.025 Datasheet HTML 3Page - France Joint 161.025 Datasheet HTML 4Page - France Joint 161.025 Datasheet HTML 5Page - France Joint 161.025 Datasheet HTML 6Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
QUALITY & EXPERTISE FOR YOUR SEALING NEEDS
|
|
EXTRUSION GAPS
Radial section
S
Radial gap
F/2
2.45
0.20
3.65
0.25
5.35
0.25
7.55
0.30
10.25
0.30
12.00
0.35
13.65
0.35
19.00
0.40
|
|
SURFACE ROUGHNESS
Roughness
Dynamic surface area
Static surface area
Groove flanks
Ra
0.1 - 0.4 µm
≤1.6 µm
≤3.2 µm
Rz
0.63 - 2.5 µm
≤6.3 µm
≤10.0 µm
Rmax
1.0 - 4.0 µm
≤10.0 µm
≤16.0 µm
|
|
CHAMFERS AND RADIUS
Radial section
S
Radius
R1
Radius
R2
Chamfer
C
2.45
0.30
0.40
0.55
3.65
0.30
0.60
0.70
5.35
0.30
1.00
0.95
7.55
0.30
1.30
1.35
10.25
0.30
1.80
1.75
12.00
0.30
1.80
1.75
13.65
0.30
2.50
10.00
19.00
0.30
3.00
12.00
|
|
TECHNICAL DATA
Temperature
-30°C / +100°C
Pressure
25 MPa
Speed
0.5 m/sec
Media
Mineral hydraulic oils
The figures above indicate the maximum values and may not be cumulated. They may be
developed, depending on the materials used.
ROD SEALS
BECA
161-163-165
|
DESCRIPTION
The BECA 161-163-165 profiles
are double acting composite rod
seals composed of a pre-tightened
rubber O'Ring and a custom-
made polyurethane friction ring.
|
ADVANTAGES
Optimal sealing in static and
dynamic applications
Excellent abrasion and wear resistance
 
|
APPLICATIONS
Agriculture
Light and medium-sized industry
Machine tools
Material handling/Lifting
|
MATERIALS
Friction ring
PU 93 Shore A - Blue
PU 96 Shore A - Blue
High temp. PU 96 Shore A - Beige
O'Ring
NBR 70 Shore A
Other grades of materials are
available. Please refer to the
materials table on the next page.
HYDRAULIC SEALS | ROD SEALS |
BECA 161 - 163 - 165


Similar Part No. - 161.025

ManufacturerPart #DatasheetDescription
logo
Littelfuse
161.450 LITTELFUSE-161.450_00 Datasheet
186Kb / 1P
OF2-Fuse links for rated voltage up to 32 V
161.475 LITTELFUSE-161.475_00 Datasheet
186Kb / 1P
OF2-Fuse links for rated voltage up to 32 V
161.510 LITTELFUSE-161.510_00 Datasheet
186Kb / 1P
OF2-Fuse links for rated voltage up to 32 V
161.515 LITTELFUSE-161.515_00 Datasheet
186Kb / 1P
OF2-Fuse links for rated voltage up to 32 V
161.520 LITTELFUSE-161.520_00 Datasheet
186Kb / 1P
OF2-Fuse links for rated voltage up to 32 V
More results

Similar Description - 161.025

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
BP10480 MACOM-BP10480 Datasheet
226Kb / 4P
Pushbutton Switches, Splashproof Boot Seals
2-1193487-7 MACOM-2-1193487-7 Datasheet
58Kb / 1P
CABLE ENTRY SEALS 2 ENTRY, NPT THREADED
CES-1 MACOM-CES-1 Datasheet
104Kb / 1P
CABLE ENTRY SEALS STANDARD
logo
List of Unclassifed Man...
AS350 ETC-AS350 Datasheet
442Kb / 4P
HOL-SEALERS Hole Seals
logo
Ralston Instruments.
QSCM-0020-VT RALSTON-QSCM-0020-VT Datasheet
311Kb / 1P
Vent valve, stainless steel, with Viton seals
logo
Molex Electronics Ltd.
0643251366 MOLEX1-0643251366_18 Datasheet
44Kb / 1P
Single Wire Seals for CP 2.80 Terminals, Blue
logo
TE Connectivity Ltd
CES-X-XX TEC-CES-X-XX Datasheet
108Kb / 1P
CAMLE ENTRY SEALS STANDARD
logo
Festo Corporation.
195722 FESTO-195722 Datasheet
57Kb / 1P
Tie rod
7/21/22
logo
Molex Electronics Ltd.
0643251332 MOLEX-0643251332 Datasheet
53Kb / 2P
Single Wire Seals for CP 2.80 Terminals, Red
08/25/2022
logo
Festo Corporation.
9254 FESTO-9254 Datasheet
41Kb / 1P
rod eye
14/12/2018
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com