Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI74FCT3244Q Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI74FCT3244Q
Description  Fast CMOS 3.3V 8-Bit Buffer/Line Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74FCT3244Q Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI74FCT3244Q Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74FCT3244Q Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74FCT3244Q Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74FCT3244Q Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74FCT3244Q Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74FCT3244Q Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74FCT3244Q Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
PI74FCT3244
3.3V 8-Bit Buffer/Line Driver
4
PS7067I
06/20/06
Power Supply Characteristics
Parameters
Description
Test Conditions(1)
Min.
Typ.(2)
Max.
Units
ICC
Quiescent Power
Supply Current
VCC = Max.
VIN = GND or VCC
0.1
10
Μ
A
ΔICC
Quiescent Power
Supply Current, TTL
Inputs HIGH
VCC = Max.
VIN = VCC – 0.6V(3)
500
µA
ICCD
Dynamic Power
Supply(4)
VCC = Max.,
Outputs Open
OEX = GND
One Bit Toggling
50% Duty Cycle
VIN = VCC
VIN = GND
95
100
µA/
MHz
IC
Total Power Supply
Current(6)
VCC = Max.,
Outputs Open
fI = 10 MHZ
50% Duty Cycle
OEX = GND
One Bit Toggling
VIN = VCC – 0.6V
VIN = GND
0.97
2.3
mA
VCC = Max.,
Outputs Open
fI = 2.5 MHZ
50% Duty Cycle
OEX = GND
8 Bits Toggling
VIN = VCC – 0.6V
VIN = GND
1.9
4.7(5)
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device.
2. Typical values are at VCC = 3.3V, TA=+25°C.
3. Per TTL driven input; all other inputs at Vcc or GND.
4. This parameter is not directly testable, but is derived for use in Total Power Supply Calculations.
5. Values for these conditions are examples of the ICC formula. These limits are guaranteed but not tested.
6. IC =IQUIECSENT + IINPUTS + IDYNAMIC
IC = ICC + ΔICC DHNT + ICCD (fCP/2 + fINI)
ICC = Quiescent Current (ICCL, ICCH and ICCZ)
ΔICC = Power Supply Current for a TTL High Input
DH = Duty Cycle for TTL Inputs High
NT = Number of TTL Inputs at DH
ICCD = Dynamic Current Caused by an Input Transition Pair (HLH or LHL)
fCP = Clock Frequency for Register Devices (Zero for Non-Register Devices)
NCP = Number of Clock Inputs at fCP
fI = Input Frequency
NI = Number of Inputs at fI
06-0218



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com